Electronic Components Datasheet Search
  English  ▼

X  

BZ01 Datasheet(PDF) 19 Page - Kyocera Kinseki Corpotation

Part # BZ01
Description  BestCap® Ultra-low ESR High Power Pulse Supercapacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

BZ01 Datasheet(HTML) 19 Page - Kyocera Kinseki Corpotation

Back Button BZ01 Datasheet HTML 15Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 16Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 17Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 18Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 19Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 20Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 21Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 22Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 23Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
16
2.13 PRODUCT SAFETY MATERIALS HANDLING
Precautions
• Do not disassemble the capacitor.
• Do not incinerate the capacitor and do not use incineration
for disposal.
• The capacitor contains polymeric electrolyte and carbon electrodes.
However, since the polymer is composed of acid based chemical
ingredients, if punctured or dismantled and the skin is contacted with
the capacitor internal components, it is recommended to wash the skin
with excess of running water.
2.14 BESTCAP® MATERIALS AND WEIGHT
Materials
Constituent
RoHS
Compliant?
BZ01
BZ02
BZ05
BZ09
Weight %
Weight %
Weight %
Weight %
Case
Stainless Steel
YES
56.7%
44.5%
64.8%
64.8%
Leads (A, H, and L lead only)
Stainless Steel
YES
4.2%
0.7%
Electrode
Stainless Steel
YES
13.6%
8.0%
13.6%
13.6%
Electrode Insulation
Laminating Adhesive
YES
2.3%
1.0%
2.4%
2.4%
Core
Metallized Current Collector
YES
5.2%
8.0%
1.6%
1.6%
Current Collector
YES
2.5%
14.3%
1.0%
1.0%
Active Electrode
YES
1.0%
5.7%
0.4%
0.4%
Core Sealant
YES
0.9%
5.2%
0.3%
0.3%
Encapsulant
Epoxy
YES
10.3%
11.4%
11.8%
11.8%
Bottom Insulation
Laminating Adhesive
YES
2.3%
1.0%
2.4%
2.4%
Label
Label
YES
1.0%
0.2%
1.8%
1.8%
TOTAL
100%
100%
100%
100%
BestCap® is RoHS compliant
May be assembled with Pb-Free solder.
BESTCAP® – TYPICAL WEIGHT DATA
Rated Voltage (V)
Capacitance (mF)
Part Number
Weight (g)
3.6V
50
BZ013B503Z_B
2.9
70
BZ013A703Z_B
4.2
100
BZ113B104Z_B
2.9
140
BZ013A144Z_B
5.3
280
BZ023A284Z_B
12.2
560
BZ023A564Z_B
15.9
4.5V
15
BZ094B153Z_B
1.5
22
BZ054B223Z_B
1.8
33
BZ014B333Z_B
3.2
47
BZ154B473Z_BBQ
1.8
5.5V
15
BZ055B153Z_B
1.9
30
BZ015B303Z_B
3.4
33
BZ055A333Z_B
2.3
33
BZ055B333Z_B
2.1
50
BZ015A503Z_B
4.6
60
BZ015B603Z_B
5.5
68
BZ055A683Z_B
3.4
100
BZ015A104Z_B
6.1
200
BZ025A204Z_B
13.3
400
BZ025A404Z_B
18.4
1000
BZ125A105Z_B
18.4
9.0V
22
BZ019B223Z_B
4.4
33
BZ019A333Z_B
5.0
120
BZ029A124Z_B
15.6
12.0V
10
BZ05CA103Z_B
3.5
15
BZ01CB153Z_B
5.0
22
BZ01CA223Z_B
6.2
90
BZ02CA903Z_B
19.3
15.0V
6.8
BZ05FB682Z_B
2.8
16.0V
124
BZ12GA124Z_B
25
• If any internal material contacts the eyes, rinse thoroughly with running
water.
• Be aware not to apply over-voltage. Combination of charging at voltage
greater than the nominal, plus high temperature, plus prolonged time
may result in capacitor bulging or rupturing.
BestCap® Ultra-low ESR
High Power Pulse Supercapacitors
Product Safety Materials Handling/Materials and Weight/Typical Weight Data
070820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com