Electronic Components Datasheet Search
  English  ▼

X  

BZ01 Datasheet(PDF) 26 Page - Kyocera Kinseki Corpotation

Part # BZ01
Description  BestCap® Ultra-low ESR High Power Pulse Supercapacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

BZ01 Datasheet(HTML) 26 Page - Kyocera Kinseki Corpotation

Back Button BZ01 Datasheet HTML 22Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 23Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 24Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 25Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 26Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 27Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 28Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 29Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 30Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
23
PULSE CAPACITOR APPLICATIONS
As mentioned earlier, the voltage drop in a circuit is critical as the circuit
will not operate below a certain cut-off voltage. There are two sources of
voltage drop (∆V) which occur, the first ∆VESR is because of the equivalent
series resistance (ESR) and the second, called the capacitive drop, is ∆VC.
From Ohm’s law,
voltage = current x resistance or V = IR
Let us say that the instantaneous starting voltage is Vo, or voltage for the
circuit from where the voltage drops. If the capacitor has an ESR of 100
milliOhms and the current is 1 amp,
∆VESR = 1 amp x (0.100) ohms = 0.1 volts or 100 milli-volts. On demand,
during the discharge mode, the voltage V = Vo
- ∆VESR = (Vo - 0.1) volts
The second voltage drop is because of the capacitance. This is shown in the
equation as a linear function because of simplicity. Simply put,
Q (charge) = C (capacitance) x V (voltage)
The derivative, dQ/dt = I (current, in amps) = C x dV/dt
Hence, ∆V
C (dV, the voltage drop because of capacitance)  = I  x dt/C.
This formula states that the larger the capacitance value the lower
the voltage drop. Compared to a Ta capacitor, this ∆VC is reduced by
a factor of about 10 to 100. So, BestCap® has an advantage where
higher capacitance is needed. If the current pulse itself is 1 amp, the
current pulse width is 1 second and the capacitance is 10 millifarads,
the ∆VC = 1A x 1Sec/0.01F, or a 100 volts; such an application is out of
the range of BestCap®. However, if the pulse width becomes narrower,
say 10 milliseconds, and the capacitance is 100 millifarads, the ∆VC
= 1 x (10/1000)/(100/1000) = 0.1 volt or 100 millivolts. This shows
the advantage of the large capacitance and hence the term “pulse”
capacitor. The specific power – specific energy graphs are used in the
battery industry to compare competitive products. As the dt becomes
smaller i.e.100 milliseconds, 10 milliseconds and then 1 millisecond,
our estimates show that the specific power for the BestCap® is the
highest as compared to our competitors because of our choice of
internal materials chemistry.
Conclusion: we now clearly show that BestCap® has an advantage over
competitors for short current pulse whose widths are smaller than a few
hundred milliseconds.
Figure 6a. Li-ION Battery at +25°C
Figure 6b. Li-ION Battery at +0°C
2
2.5
3
3.5
4
0
100
200
300
400
Cutoff Voltage Limits
Cutoff Voltage
3.4 Volts
3.5 Volts
3.6 Volts
Time (Minutes)
% Increase
28%
73%
300%
Battery Alone
Battery with Pulse Capacitor
GSM Pulse @ 2 Amps
2
2.5
3
3.5
4
0
100
200
300
400
LI-ION Battery
500
Cutoff Voltage
3.4 Volts
3.5 Volts
3.6 Volts
Time (Minutes)
% Increase
28%
100%
300%
Battery Alone
Battery with Pulse Capacitor
GSM Pulse @ 2 Amps 0°C
BestCap® Ultra-low ESR
High Power Pulse Supercapacitors
070820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com