Electronic Components Datasheet Search
  English  ▼

X  

AMW136 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # AMW136
Description  This document provides information on the AMWx36 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW136 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button AMW136 Datasheet HTML 2Page - Silicon Laboratories AMW136 Datasheet HTML 3Page - Silicon Laboratories AMW136 Datasheet HTML 4Page - Silicon Laboratories AMW136 Datasheet HTML 5Page - Silicon Laboratories AMW136 Datasheet HTML 6Page - Silicon Laboratories AMW136 Datasheet HTML 7Page - Silicon Laboratories AMW136 Datasheet HTML 8Page - Silicon Laboratories AMW136 Datasheet HTML 9Page - Silicon Laboratories AMW136 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
General Description
ADS-MWx36-102R • AMWx36 Datasheet
Page |1
© 2014-2019 Zentri http://www.zentri.com
June 26, 2019
1 General Description
The AMW036 and AMW136 modules from Zentri
combine a microcontroller with a CYW43362 Wi-Fi
device to provide an advanced stand-alone Wi-Fi and
networking solution.
The term AMWx36 refers to either module.
An integrated module avoids difficult RF layout and
enables designers to rapidly embed Wi-Fi and secure
networking functionality into virtually any device.
The
ZentriOS
serial-to-Wi-Fi
application,
pre-
programmed into all modules, may be used to fast-
track module integration into end-products.
With dimensions of just 20.3mm x 22.9mm and a wide
temperature range, the module is suitable for
integration into most embedded applications.
The Wi-Fi device from Cypress Semiconductor
Corporation includes an integrated RF transmit power
amplifier and provides superior Wi-Fi performance and
full compatibility with all 2.4GHz 802.11b/g/n Wi-Fi
networks. A single PCB antenna is provided to simplify
the RF design requirements.
The microprocessor is based on a high-performance
ARM® 32-bit Cortex™-M4.
The AMW036/AMW136 microcontroller core operates
at a frequency up to 84/100MHz providing up to 125
DMIPS or 1.25 DMIPS/MHz (Dhrystone 2.1).
The AMW036 has 96KB of RAM.
The AMW136 has 128KB of RAM.
The AMWx36 module offers extensive I/O and
peripheral interfaces listed below, and provides
additional interface combinations by leveraging
multiplexing and alternate function capabilities.
 2 x 4-Wire UART interfaces
 2 x SPI interfaces (1 master, 1 slave)
 21 x GPIOs
 9 x 12-bit A/D converters
 14 x PWM outputs
 1 x ultra-low power wake input
The module is powered by a 3.3V power supply, a
separate WLAN power supply pin is provided to
minimize noise coupling into the WLAN subsystem.
Various powersave modes offer ultra-low power
operation. Wake from low power sleep mode is
possible using IO pins or the internal real-time clock,
and wake from ultra-low power standby mode is
achieved using the dedicated wake pin.
The module incorporates a 32.768kHz crystal to
maintain an accurate real time clock. A 32kHz clock
output is available on a dedicated module pin in both
active power save modes. The 32kHz clock output may
be used to drive the clock input of other system devices.
This avoids the need for an additional crystal thereby
minimizing total system cost.
The module has numerous modular approvals. See
Section 7, Regulatory Certification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com