Electronic Components Datasheet Search
  English  ▼

X  

AMW136 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # AMW136
Description  This document provides information on the AMWx36 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW136 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button AMW136 Datasheet HTML 5Page - Silicon Laboratories AMW136 Datasheet HTML 6Page - Silicon Laboratories AMW136 Datasheet HTML 7Page - Silicon Laboratories AMW136 Datasheet HTML 8Page - Silicon Laboratories AMW136 Datasheet HTML 9Page - Silicon Laboratories AMW136 Datasheet HTML 10Page - Silicon Laboratories AMW136 Datasheet HTML 11Page - Silicon Laboratories AMW136 Datasheet HTML 12Page - Silicon Laboratories AMW136 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Electrical Specifications
ADS-MWx36-102R • AMWx36 Datasheet
Page |4
© 2014-2019 Zentri http://www.zentri.com
June 26, 2019
3.2.2 Environmental Conditions
Table 4. Recommended Environmental Conditions
Characteristic
Note
Min
Max
Unit
Ambient Temperature
Limited by WLAN chip specification
-30
+85
°C
Relative Humidity
Non-condensing (operating)
–
85
%
3.3 Power Consumption
Table 5. Power consumption (VDD_3V3, VDD_WIFI, VBAT @ 3.3V)
Operational State
MCU Mode
Wi-Fi State
Typ1
Max1
Max1
Unit
TA = 25°C
TA = 85°C
VBAT7
MCU VBAT Mode, RTC on
Wi-Fi powered off
0.97
–
3.0
µA
Standby7
MCU Standby Mode, RTC on
Wi-Fi powered off
3.8
5.0
17.0
µA
Stop3, 7
MCU Stop Mode
Wi-Fi powered off
10
28
230
µA
Wi-Fi Powersave2,3
MCU Stop mode
Wi-Fi in powersave
0.77
–
–
mA
Active Receive2,3,4
MCU Stop mode
Wi-Fi active receive
5.7
–
–
mA
Active Transmit2,3,5
MCU Stop mode
Wi-Fi active transmit
11.4
–
–
mA
Wi-Fi Tx Test Mode6
MCU Stop mode
Wi-Fi active transmit
–
320
–
mA
Notes:
1. Total combined current consumed by all power supplies: VBAT, VDD_3V3, VDD_WIFI.
2. 802.11 beacon Interval = 102.4ms, DTIM=3, Beacon Duration = 1ms @ 1Mbps.
3. MCU Stop Mode with 113µs wakeup latency (flash in deep power down mode), VDD_WIFI = 0V
4. Average current receiving 1Mbit/s UDP at 802.11n MCS7
5. Average current transmitting 1Mbit/s UDP at 802.11n MCS7
6. Wi-Fi Transmitting at +18dBm CCK 11Mbit/s with maximum duty cycle
7. Hardware capability; minimum power consumption is dependent on ZentriOS version and external components
connected to AMWx36 pins
3.4 32kHz Crystal
Table 6. 32kHz Crystal Specifications1
Operational State
Note
Min
Typical
Max
Unit
Frequency
–
32768
–
Hz
Frequency Tolerance
–
20
–
ppm
Frequency Ageing
Measured @25°C ±3°C
-3
–
+3
ppm
Notes:
1. Reproduced from manufacturer’s datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com