Electronic Components Datasheet Search
  English  ▼

X  

AMW136 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # AMW136
Description  This document provides information on the AMWx36 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW136 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button AMW136 Datasheet HTML 7Page - Silicon Laboratories AMW136 Datasheet HTML 8Page - Silicon Laboratories AMW136 Datasheet HTML 9Page - Silicon Laboratories AMW136 Datasheet HTML 10Page - Silicon Laboratories AMW136 Datasheet HTML 11Page - Silicon Laboratories AMW136 Datasheet HTML 12Page - Silicon Laboratories AMW136 Datasheet HTML 13Page - Silicon Laboratories AMW136 Datasheet HTML 14Page - Silicon Laboratories AMW136 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
WLAN RF Specifications
ADS-MWx36-102R • AMWx36 Datasheet
Page |6
© 2014-2019 Zentri http://www.zentri.com
June 26, 2019
Parameter
Condition/Notes
Min
Typical
Max
Unit
Receive Sensitivity2
(10% PER for 4096 octet
PSDU). Defined for default
parameters: GF, 800ns GI, and
non-STBC
65 Mbps MCS0, HT20
–
-86
-81
dBm
65 Mbps MCS7, HT20
–
-70
-65
Max. Receive Level @ 2.4GHz
@ 1, 2 Mbps (8% PER, 1024 octets)
-2
–
–
dBm
@ 5.5, 11 Mbps (8% PER, 1024 Octets)
-8
–
–
@ 6-54 Mbps (10% PER, 1000 Octets)
-11.5
–
–
Notes:
1. Operation below -20°C and above +65°C with parameter derating per Note 2
2. Derate receive sensitivity by 1.5dB for operation between temperatures of -30°C to -20°C and 65°C to 85°C
4.3 WLAN Transmitter Specifications
Table 9. WLAN Transmitter Performance Specifications
Parameter
Condition/Notes
Min
Typical
Max
Unit
Frequency Range
–
2400
–
2500
MHz
Operating Temperature1
–
-30
–
+85
°C
Transmit power2 for highest
power level setting at 25°C,
VDD-3V3_RF_IN=3.3V with
spectral mask and EVM
compliance
EVM does NOT exceed :
1 Mbps DSSS
-11 dB
+14
+16
+18
dBm
11 Mbps CCK
-11 dB
+14
+16
+18
6 Mbps OFDM
-22 dB
+12
+14
+16
54 Mbps OFDM
-25 dB
+12
+14
+16
MCS0, HT20
-22 dB
+10
+12
+14
MCS7, HT20
-28 dB
+10
+12
+14
Notes:
1. Operation below -20°C and above +65°C with parameter derating per Note 2
2. Derate transmit power by 1.5dB for operation between temperatures of -30°C to -20°C and 65°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com