Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # 33903
Description  SBC Gen2 with CAN high speed and LIN interface
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33903 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button 33903 Datasheet HTML 17Page - NXP Semiconductors 33903 Datasheet HTML 18Page - NXP Semiconductors 33903 Datasheet HTML 19Page - NXP Semiconductors 33903 Datasheet HTML 20Page - NXP Semiconductors 33903 Datasheet HTML 21Page - NXP Semiconductors 33903 Datasheet HTML 22Page - NXP Semiconductors 33903 Datasheet HTML 23Page - NXP Semiconductors 33903 Datasheet HTML 24Page - NXP Semiconductors 33903 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
NXP Semiconductors
21
33903/4/5
ELECTRICAL CHARACTERISTICS
Undervoltage reset and reset function, RST PIN (continued)
VSUP-RSTL
VSUP to guaranteed reset low level
2.5
-
-
V
(29)
VRST-VTH
Reset input threshold
Low threshold, VDD = 5.0 V
High threshold, VDD = 5.0 V
Low threshold, VDD = 3.3 V
High threshold, VDD = 3.3 V
1.5
-
0.99
-
-
-
-
-
-
3.5
-
2.31
V
VHYST
Reset input hysteresis
0.5
1.0
1.5
V
I/O pins when function selected is output
VI/O-0 HSDRP
I/O-0 HS switch drop @ I = -12 mA, VSUP = 10.5 V
-
0.5
1.4
V
VI/O-2-3 HSDRP
I/O-2 and I/O-3 HS switch drop @ I = -20 mA, VSUP = 10.5 V
-
0.5
1.4
V
VI/O-1 HSDRP
I/O-1, HS switch drop @ I = -400
μA, VSUP = 10.5 V
-
0.4
1.4
V
VI/O-01 LSDRP
I/O-0, I/O-1 LS switch drop @ I = 400
μA, VSUP = 10.5 V
-
0.4
1.4
V
II/O_LEAK
Leakage current, I/O-x
≤ VSUP
-
0.1
3.0
μA
I/O pins when function selected is input
VI/O_NTH
Negative threshold
1.4
2.0
2.9
V
VI/O_PTH
Positive threshold
2.1
3.0
3.8
V
VI/O_HYST
Hysteresis
0.2
1.0
1.4
V
II/O_IN
Input current, I/O
≤ VSUP/2
-5.0
1.0
5.0
μA
RI/O-X
I/O-0 and I/O-1 input resistor. I/O-0 (or I/O-1) selected in
register, 2.0 V < VI/O-X <16 V (Guaranteed by design).
-
100
-
k
Ω
VSENSE input
VSENSE_TH
VSENSE undervoltage threshold (Not active in LP modes)
Low Threshold
High threshold
Hysteresis
8.1
-
0.1
8.6
-
0.25
9.0
9.1
0.5
V
RVSENSE
Input resistor to GND. In all modes except in LP modes. (Guaranteed
by design).
-
125
-
k
Ω
Notes
29.
Reset must be kept low
Table 6. Static electrical characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 28 V, -40 °C ≤ TA ≤ 125 °C, unless otherwise noted. Typical values noted reflect
the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com