Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # 33903
Description  SBC Gen2 with CAN high speed and LIN interface
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33903 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button 33903 Datasheet HTML 64Page - NXP Semiconductors 33903 Datasheet HTML 65Page - NXP Semiconductors 33903 Datasheet HTML 66Page - NXP Semiconductors 33903 Datasheet HTML 67Page - NXP Semiconductors 33903 Datasheet HTML 68Page - NXP Semiconductors 33903 Datasheet HTML 69Page - NXP Semiconductors 33903 Datasheet HTML 70Page - NXP Semiconductors 33903 Datasheet HTML 71Page - NXP Semiconductors 33903 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 107 page
background image
68
NXP Semiconductors
33903/4/5
SERIAL PERIPHERAL INTERFACE
10.2.5.2 Examples 1:
MOSI [bit 15-0] = 01 00 011 P 01101001, P should be 0, because the command contains 7 bits with logic 1. Thus the Exact command will
then be: MOSI [bit 15-0] = 01 00 011 0 01101001
10.2.5.3 Examples 2:
MOSI [bit 15-0] = 01 00 011 P 0100 0000, P should be 1, because the command contains 4 bits with logic 1. Thus the Exact command
will then be: MOSI [bit 15-0] = 01 00 011 1 0100 0000
10.2.5.4 Parity function selection
All SPI commands and examples do not use parity functions. The parity function is optional. It is selected by bit 6 in INIT MISC register.
If parity function is not selected (bit 6 of INIT MISC = 0), then Parity bits in all SPI commands (bit 8) must be ‘0’.
10.3
Detail of control bits and register mapping
The following tables contain register bit meaning arranged by register address, from address 0_000 to address 1_0100
10.3.1 MUX and RAM registers
Table 15. MUX Register(42)
MOSI First Byte [15-8]
[b_15 b_14] 0_0000 [P/N]
MOSI Second Byte, bits 7-0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
01 00 _ 000 P
MUX_2
MUX_1
MUX_0
Int 2K
I/O-att
0
0
0
Default state
0
0
0
0
0
0
0
0
Condition for default
POR, 5 V-CAN off, any mode different from Normal
Bits
Description
b7 b6 b5
MUX_2, MUX_1, MUX_0 - Selection of external input signal or internal signal to be measured at MUX-OUT pin
000
All functions disable. No output voltage at MUX-OUT pin
001
VDD regulator current recopy. Ratio is approx 1/97. Requires an external resistor or selection of Internal 2.0 K (bit 3)
010
Device internal voltage reference (approx 2.5 V)
011
Device internal temperature sensor voltage
100
Voltage at I/O-0. Attenuation or gain is selected by bit 3.
101
Voltage at I/O-1. Attenuation or gain is selected by bit 3.
110
Voltage at VSUP/1 pin. Refer to electrical table for attenuation ratio (approx 5)
111
Voltage at VSENSE pin. Refer to electrical table for attenuation ratio (approx 5)
b4
INT 2k - Select device internal 2.0 kohm resistor between AMUX and GND. This resistor allows the measurement of a voltage proportional
to the VDD output current.
0
Internal 2.0 kohm resistor disable. An external resistor must be connected between AMUX and GND.
1
Internal 2.0 kohm resistor enable.
b3
I/O-att - When I/O-0 (or I/O-1) is selected with b7,b6,b5 = 100 (or 101), b3 selects attenuation or gain
between I/O-0 (or I/O-1) and MUX-OUT pin
0
Gain is approx 2 for device with VDD = 5.0 V (Ref. to electrical table for exact gain value)
Gain is approx 1.3 for device with VDD = 3.3 V (Ref. to electrical table for exact gain value)
1
Attenuation is approx 4 for device with VDD = 5.0 V (Ref. to electrical table for exact attenuation value)
Attenuation is approx 6 for device with VDD = 3.3 V (Ref. to electrical table for exact attenuation value)
Notes
42.
The MUX register can be written and read only when the 5V-CAN regulator is ON. If the MUX register is written or read while 5V-CAN is OFF, the
command is ignored, and the MXU register content is reset to default state (all control bits = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com