Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 33903
Description  SBC Gen2 with CAN high speed and LIN interface
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33903 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 33903 Datasheet HTML 9Page - NXP Semiconductors 33903 Datasheet HTML 10Page - NXP Semiconductors 33903 Datasheet HTML 11Page - NXP Semiconductors 33903 Datasheet HTML 12Page - NXP Semiconductors 33903 Datasheet HTML 13Page - NXP Semiconductors 33903 Datasheet HTML 14Page - NXP Semiconductors 33903 Datasheet HTML 15Page - NXP Semiconductors 33903 Datasheet HTML 16Page - NXP Semiconductors 33903 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 107 page
background image
NXP Semiconductors
13
33903/4/5
PIN CONNECTIONS
4.2
Pin definitions
A functional description of each pin can be found in the Functional pin description section beginning on page 32.
Table 4. 33903/4/5 pin definitions
54 Pin
33905D
32 Pin
33905S
32 Pin
33904
32 Pin
33903
32 Pin
33903D
32 Pin
33903S
32 Pin
33903P
Pin Name
Pin
Function
Formal
Name
Definition
1-3, 20-
22, 27-
30, 32-
35, 52-
54
N/A
17, 18,
19
3-4,11-
14, 17-
21, 31,
32
N/A
N/A
N/A
N/C
No
Connect
-
Connect to GND.
N/A
N/A
N/A
N/A
N/A
14, 16,
17
14, 16,
17, 19-
21
N/C
No
Connect
Do NOT connect the N/C pins to GND. Leave
these pins Open.
4
1
1
1
2
2
2
VSUP/1
Power
Battery
Voltage
Supply 1
Supply input for the device internal supplies,
power on reset circuitry and the VDD regulator.
VSUP and VSUP1 supplies are internally
connected on part number MC33903BDEK and
MC33903BSEK
5
2
2
2
N/A
N/A
N/A
VSUP2
Power
Battery
Voltage
Supply 2
Supply input for 5 V-CAN regulator, VAUX
regulator, I/O and LIN pins. VSUP1 and VSUP2
supplies are internally connected on part
number MC33903BDEK and MC33903BSEK
6
3
3
N/A
3
3
3
LIN-T2
or
I/O-3
Output
or
Input/
Output
LIN
Termination 2
or
Input/Output
3
33903D and 33905D - Output pin for the LIN2
master node termination resistor.
or
33903P, 33903S, 33903D, 33904, 33905S and
33905D - Configurable pin as an input or HS
output, for connection to external circuitry
(switched or small load). The input can be used
as a programmable Wake-up input in (LP)
mode. When used as a HS, no
overtemperature protection is implemented. A
basic short to GND protection function, based
on switch drain-source overvoltage detection, is
available.
7
4
4
N/A
4
4
4
LIN-T1
or
LIN-T
or
I/O-2
Output
or
Input/
Output
LIN
Termination
1
or
Input/Output
2
33905D - Output pin for the LIN1 master node
termination resistor.
or
33903P, 33903S, 33903D, 33904, 33905S and
33905D - Configurable pin as an input or HS
output, for connection to external circuitry
(switched or small load). The input can be used
as a programmable Wake-up input in (LP)
mode. When used as a HS, no
overtemperature protection is implemented. A
basic short to GND protection function, based
on switch drain-source overvoltage detection, is
available.
8
5
5
5
5
5
5
SAFE
Output
Safe Output
(Active LOW)
Output of the safe circuitry. The pin is asserted
LOW if a fault event occurs (e.g.: software
watchdog is not triggered, VDD low, issue on the
RST pin, etc.). Open drain structure.
9
6
6
6
6
6
6
5 V-CAN
Output
5V-CAN
Output voltage for the embedded CAN
interface. A capacitor must be connected to this
pin.
10
7
7
7
7
7
7
CANH
Output
CAN High
CAN high output.
11
8
8
8
8
8
8
CANL
Output
CAN Low
CAN low output.
12
9
9
9
9
9
9
GND-CAN
Ground
GND-CAN
Power GND of the embedded CAN interface
13
10
10
10
10
10
10
SPLIT
Output
SPLIT Output
Output pin for connection to the middle point of
the split CAN termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com