Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # 33903
Description  SBC Gen2 with CAN high speed and LIN interface
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33903 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button 33903 Datasheet HTML 26Page - NXP Semiconductors 33903 Datasheet HTML 27Page - NXP Semiconductors 33903 Datasheet HTML 28Page - NXP Semiconductors 33903 Datasheet HTML 29Page - NXP Semiconductors 33903 Datasheet HTML 30Page - NXP Semiconductors 33903 Datasheet HTML 31Page - NXP Semiconductors 33903 Datasheet HTML 32Page - NXP Semiconductors 33903 Datasheet HTML 33Page - NXP Semiconductors 33903 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 107 page
background image
30
NXP Semiconductors
33903/4/5
ELECTRICAL CHARACTERISTICS
.
Figure 17. Test circuit for CAN timing characteristics
Figure 18. LIN timing measurements for normal slew rate
VSUP
12 V
CANL
22
μF
10
μF
SPLIT
GND
TXD
RXD
Signal generator
All pins are not shown
RBUS
15 pF
CBus
100 pF
60
Ω
100 nF
5 V_CAN
CANH
TXD
LIN
RXD
tBIT
tBIT
tBUS_DOM(MAX)
tBUS_REC(MIN)
tREC_PDF(1)
74.4% VSUP
42.2% VSUP
58.1% VSUP
28.4% VSUP
tBUS_REC(MAX)
VLIN_REC
tBUS_DOM(MIN)
RXD
Output of receiving Node 1
Output of receiving Node 2
THREC(MAX)
THDOM(MAX)
THREC(MIN)
THDOM(MIN)
Thresholds of
receiving node 1
Thresholds of
receiving node 2
tREC_PDR(1)
tREC_PDF(2)
tREC_PDR(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com