Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 33903
Description  SBC Gen2 with CAN high speed and LIN interface
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33903 Datasheet(HTML) 4 Page - NXP Semiconductors

  33903 Datasheet HTML 1Page - NXP Semiconductors 33903 Datasheet HTML 2Page - NXP Semiconductors 33903 Datasheet HTML 3Page - NXP Semiconductors 33903 Datasheet HTML 4Page - NXP Semiconductors 33903 Datasheet HTML 5Page - NXP Semiconductors 33903 Datasheet HTML 6Page - NXP Semiconductors 33903 Datasheet HTML 7Page - NXP Semiconductors 33903 Datasheet HTML 8Page - NXP Semiconductors 33903 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 107 page
background image
4
NXP Semiconductors
33903/4/5
SIMPLIFIED APPLICATION DIAGRAMS
Figure 3. 33904 simplified application diagram
Figure 4. 33903 simplified application diagram
33904
CS
SCLK
MOSI
INT
5V-CAN
VSUP1
I/O-0
I/O-1
MISO
RXD
TXD
CANL
CANH
GND
RST
DBG
VDD
SPLIT
VBAT
VB
Q1*
D1
VBAUX
SAFE
I/O-3
VE
Q2
(5.0 V/3.3 V)
VDD
VSUP2
VAUX
VCAUX
I/O-2
MUX-OUT
MCU
SPI
A/D
CAN Bus
VSENSE
VBAT
* = Optional
CS
SCLK
MOSI
INT
5V-CAN
VSUP2
I/O-0
MISO
RXD
TXD
CANL
CANH
GND
RST
DBG
VDD
SPLIT
VBAT
D1
VDD
33903
MCU
SPI
CAN Bus
SAFE
VSUP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com