Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # 33903
Description  SBC Gen2 with CAN high speed and LIN interface
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33903 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button 33903 Datasheet HTML 80Page - NXP Semiconductors 33903 Datasheet HTML 81Page - NXP Semiconductors 33903 Datasheet HTML 82Page - NXP Semiconductors 33903 Datasheet HTML 83Page - NXP Semiconductors 33903 Datasheet HTML 84Page - NXP Semiconductors 33903 Datasheet HTML 85Page - NXP Semiconductors 33903 Datasheet HTML 86Page - NXP Semiconductors 33903 Datasheet HTML 87Page - NXP Semiconductors 33903 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 107 page
background image
84
NXP Semiconductors
33903/4/5
SERIAL PERIPHERAL INTERFACE
10.4
Flags and device status
10.4.1 Description
The table below is a summary of the device flags, I/O real time level, device Identification, and includes examples of SPI commands (SPI
commands do not use parity functions). They are obtained using the following commands.
This command is composed of the following:
bits 15 and 14:
• [1 1] for failure flags
• - [0 0] for I/O real time status, device identification and CAN LIN driver receiver real time state.
• bit 13 to 9 are the register address from which the flags is to be read.
•bit 8 = 1 (this is not parity bit function, as this is a read command).
When a failure event occurs, the respective flag is set and remains latched until it is cleared by a read command (provided the failure
event has recovered).
Table 38. LIN2 register(51)
MOSI First byte [15-8]
[b_15 b_14] 10_010 [P/N]
MOSI Second Byte, bits 7-0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
01 10_ 100P
LIN mode[1] LIN mode[0] Slew rate[1] Slew rate[0]
-
LIN T2 on
-
VSUP ext
Default state
0
0
0
0
0
0
0
0
Condition for default
POR
Bits
Description
b7 b6
LIN mode [1], LIN mode [0] - LIN 2 interface mode control, Wake-up enable / disable
00
LIN2 disable, Wake-up capability disable
01
not used
10
LIN2 disable, Wake-up capability enable
11
LIN2 Transmit Receive mode(50)
b5 b4
Slew rate[1], Slew rate[0] LIN 2slew rate selection
00
Slew rate for 20 kbit/s baud rate
01
Slew rate for 10 kbit/s baud rate
10
Slew rate for fast baud rate
11
Slew rate for fast baud rate
b2
LIN T2 on
0
LIN 2 termination OFF
1
LIN 2 termination ON
b0
VSUP ext
0
LIN goes recessive when device VSUP/2 is below typically 6.0 V. This is to meet J2602 specification
1
LIN continues operation below VSUP/2 6.0 V, until 5 V-CAN is disabled.
Notes
50.
The LIN interface can be set in TXD/RXD mode only when the TXD-L input signal is in a recessive state. An attempt to set TXD/RXD
mode while TXD-L is low, will be ignored and the LIN interface will remain disabled.
51.
In order to use the LIN interface, the 5V-CAN regulator must be set to ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com