Electronic Components Datasheet Search
  English  ▼

X  

MAX2633 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2633
Description  VHF-to-Microwave, 3V, General-Purpose Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2633 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2633 Datasheet HTML 3Page - Maxim Integrated Products MAX2633 Datasheet HTML 4Page - Maxim Integrated Products MAX2633 Datasheet HTML 5Page - Maxim Integrated Products MAX2633 Datasheet HTML 6Page - Maxim Integrated Products MAX2633 Datasheet HTML 7Page - Maxim Integrated Products MAX2633 Datasheet HTML 8Page - Maxim Integrated Products MAX2633 Datasheet HTML 9Page - Maxim Integrated Products MAX2633 Datasheet HTML 10Page - Maxim Integrated Products MAX2633 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
VHF-to-Microwave, +3V,
General-Purpose Amplifiers
_______________________________________________________________________________________
7
_______________Detailed Description
The MAX2630–MAX2633 are broadband amplifiers with
3dB bandwidth greater than 1GHz. Their small size and
internal bias circuitry make them ideal for applications
where board space is limited. The MAX2632/MAX2633
have a user-selectable bias current that allows the user
to set both gain and output power for a particular appli-
cation, and the MAX2631/MAX2633 incorporate shut-
down capability.
__________Applications Information
External Components
The MAX2630–MAX2633 are easy to use, as shown in the
Typical Operating Circuit and Figures 1, 2 and 3. Input
and output series capacitors may be necessary to block
DC bias voltages generated by the amplifiers from inter-
acting with adjacent circuitry. These capacitors must be
large enough to contribute negligible reactance in a 50
Ω
system at the minimum operating frequency. Use the fol-
lowing equation to calculate their minimum value:
where f (in megahertz) is the minimum operating
frequency.
The VCC pin must be RF bypassed for correct opera-
tion. To accomplish this, connect a capacitor between
the VCC pin and ground, as close to the package as is
practical. Use the same equation given above (for DC-
blocking capacitor values) to calculate the minimum
capacitor value. If the PC board has long VCC lines,
additional bypassing may be necessary. This can be
done farther away from the package, if needed.
Proper grounding of the GND pin is essential. If the PC
board uses a topside RF ground, connect it directly to
the GND pin. For a board where the ground plane is not
on the component side, the best technique is to con-
nect the GND pin to it with a plated through-hole close
to the package.
An on-chip buffer at the MAX2631/MAX2633’s SHDN
pin makes bypassing this pin unnecessary except in
very noisy applications. When RF filtering is needed,
use a bypass capacitor similar to the one used on VCC.
Since negligible current flows into this pin, additional
RF filtering may be done with a series resistor.
To set the MAX2632/MAX2633’s supply current,
connect a resistor from the BIAS pin to ground. To
estimate the value of this resistor, refer to the graph
Supply Current vs. RBIAS in the Typical Operating
Characteristics.
C
f
pF
BLOCK
,
()
=
53 000
RBIAS
BIAS
GND
OUT
IN
VCC
CBYP
CBLOCK
VCC
CBLOCK
IN
OUT
BIAS
MAX2632
Figure 3. MAX2632 Typical Operating Circuit
OUT
OUT
VCC
IN
GND
CBYP
VCC
CBLOCK
CBLOCK
IN
MAX2630
OFF
ON
SHDN
GND
OUT
IN
VCC
CBYP
CBLOCK
VCC
CBLOCK
IN
OUT
BIAS
MAX2631
Figure 1. MAX2630 Typical Operating Circuit
Figure 2. MAX2631 Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com