Electronic Components Datasheet Search
  English  ▼

X  

MAX2633 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2633
Description  VHF-to-Microwave, 3V, General-Purpose Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2633 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2633 Datasheet HTML 2Page - Maxim Integrated Products MAX2633 Datasheet HTML 3Page - Maxim Integrated Products MAX2633 Datasheet HTML 4Page - Maxim Integrated Products MAX2633 Datasheet HTML 5Page - Maxim Integrated Products MAX2633 Datasheet HTML 6Page - Maxim Integrated Products MAX2633 Datasheet HTML 7Page - Maxim Integrated Products MAX2633 Datasheet HTML 8Page - Maxim Integrated Products MAX2633 Datasheet HTML 9Page - Maxim Integrated Products MAX2633 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
VHF-to-Microwave, +3V,
General-Purpose Amplifiers
6
_______________________________________________________________________________________
0.08
0.12
0.12
0.11
0.11
0.11
0.11
0.12
0.14
0.20
0.58
S11
(mag)
-54
21
-2
-22
-45
-66
-82
-94
-101
-97
-53
S11
(ang)
12.5
14.1
14.5
14.9
15.1
15.2
15.4
15.4
15.4
15.4
13.6
S21
(dB)
4.22
5.09
5.30
5.54
5.68
5.78
5.87
5.91
5.91
5.87
4.80
S21
(mag)
-59
-85
-96
-108
-119
-130
-141
-123
-87
-48
45
S21
(ang)
-25.2
-28.5
-30.0
-31.3
-32.3
-33.1
-33.8
1.20
-34.7
-35.2
-36.1
0.30
-39.2
S12
(dB)
0.055
0.20
0.038
0.032
0.05
0.027
0.024
0.022
1.00
0.020
0.018
0.017
0.90
0.016
0.011
S12
(mag)
0.80
153
-158
-139
0.70
-121
-104
-86
0.40
-68
-50
0.50
-31
-14
36
S12
(ang)
0.34
0.42
0.60
0.43
0.45
0.48
FREQUENCY
(GHz)
0.49
0.51
0.52
0.53
0.55
0.62
S22
(mag)
-18
-49
-65
-79
-94
-108
-119
-95
-72
-49
-22
S22
(ang)
2.01
2.28
2.51
2.73
2.87
3.02
3.14
3.35
3.48
3.75
4.26
K
1.40
0.10
-103
9.3
2.93
-112
-23.1
0.070
114
0.24
-4
2.36
1.60
0.22
-44
6.7
2.16
-163
-23.3
0.068
125
0.24
-7
3.07
1.80
0.29
-20
5.8
1.96
145
-23.7
0.065
124
0.24
-37
3.41
2.00
0.30
-60
5.3
1.85
89
-23.3
0.069
120
0.23
-65
3.41
2.20
0.26
-92
4.9
1.75
29
-22.2
0.078
117
0.21
-83
3.31
2.40
0.24
-110
3.9
1.57
2
-21.7
0.082
116
0.23
-95
3.48
2.50
0.23
-113
3.5
1.50
10
-20.9
0.090
115
0.25
-100
3.35
Table 1b. MAX2633 Typical Scattering Parameters
(VCC = +5V, V SHDN = VCC, Z0 = 50
Ω, RBIAS = 10k, TA = +25°C.)
0.35
-76
15.0
5.62
1
-36.9
0.10
0.014
13
0.57
-29
3.83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com