Electronic Components Datasheet Search
  English  ▼

X  

MAX2633 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2633
Description  VHF-to-Microwave, 3V, General-Purpose Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2633 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2633 Datasheet HTML 4Page - Maxim Integrated Products MAX2633 Datasheet HTML 5Page - Maxim Integrated Products MAX2633 Datasheet HTML 6Page - Maxim Integrated Products MAX2633 Datasheet HTML 7Page - Maxim Integrated Products MAX2633 Datasheet HTML 8Page - Maxim Integrated Products MAX2633 Datasheet HTML 9Page - Maxim Integrated Products MAX2633 Datasheet HTML 10Page - Maxim Integrated Products MAX2633 Datasheet HTML 11Page - Maxim Integrated Products MAX2633 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
VHF-to-Microwave, +3V,
General-Purpose Amplifiers
_______________________________________________________________________________________
9
P
D
E
F
W
P2
P0
D1
A0
B0
K0
t
W
P
E
F
D
D1
8.001
3.988
1.753
3.505
1.499
0.991
+0.305
-0.102
+0.102
+0.000
+0.254
+0.000
±0.102
±0.102
±0.051
±0.102
±0.203
±0.051
±0.102
±0.102
±0.102
±0.127
NOTE: DIMENSIONS ARE IN MM.
AND FOLLOW EIA481-1 STANDARD.
P0
P010
P2
A0
B0
K0
t
3.988
40.005
2.007
3.200
3.099
1.397
0.254
__________________________________________________Tape-and-Reel Information
___________________Chip Information
TRANSISTOR COUNT: 199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com