Electronic Components Datasheet Search
  English  ▼

X  

MAX2633 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2633
Description  VHF-to-Microwave, 3V, General-Purpose Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2633 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2633 Datasheet HTML 1Page - Maxim Integrated Products MAX2633 Datasheet HTML 2Page - Maxim Integrated Products MAX2633 Datasheet HTML 3Page - Maxim Integrated Products MAX2633 Datasheet HTML 4Page - Maxim Integrated Products MAX2633 Datasheet HTML 5Page - Maxim Integrated Products MAX2633 Datasheet HTML 6Page - Maxim Integrated Products MAX2633 Datasheet HTML 7Page - Maxim Integrated Products MAX2633 Datasheet HTML 8Page - Maxim Integrated Products MAX2633 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
VHF-to-Microwave, +3V,
General-Purpose Amplifiers
_______________________________________________________________________________________
5
Table 1a. Typical Scattering Parameters
(VCC = +3V, V SHDN = VCC, Z0 = 50
Ω, RBIAS = 10kΩ, TA = +25°C.)
4.30
-19
0.62
37
0.012
0.05
-38.7
46
4.39
12.9
-50
0.59
3.86
-106
0.27
114
0.089
-21.0
12
1.29
2.2
-120
0.22
2.50
3.81
-97
0.25
116
0.086
-21.3
5
1.36
2.6
-115
0.24
2.40
3.80
-83
0.24
116
0.077
-22.3
27
1.51
3.6
-98
0.27
2.20
3.80
-63
0.25
117
0.069
-23.3
86
1.63
4.3
-66
0.31
2.00
3.76
-34
0.26
120
0.065
-23.7
144
1.73
4.8
-26
0.30
1.80
3.51
-7
0.26
122
0.066
-23.6
-162
1.91
5.6
-31
0.24
1.60
2.90
-12
0.26
113
0.065
-23.7
-110
2.48
7.9
-60
0.11
1.40
K
4.07
3.93
3.74
3.61
3.45
3.38
3.27
3.16
3.05
2.87
2.59
S22
(ang)
-29
-49
-71
-94
-118
-109
-96
-82
-68
-53
-25
S22
(mag)
0.57
0.54
0.53
0.51
0.50
0.48
FREQUENCY
(GHz)
0.46
0.44
0.42
0.60
0.40
0.33
S12
(ang)
12
-13
-32
0.50
-51
-70
0.40
-89
-107
-124
0.70
-142
-161
153
0.80
S12
(mag)
0.015
0.016
0.90
0.018
0.019
0.021
1.00
0.022
0.025
0.027
0.10
0.031
0.035
0.20
0.051
S12
(dB)
-36.7
0.30
-35.8
-35.0
-34.4
1.20
-33.6
-33.0
-32.2
-31.3
-30.3
-29.0
-25.8
S21
(ang)
1
-49
-89
-125
-138
-127
-116
-104
-93
-82
-58
S21
(mag)
5.11
5.32
5.32
5.28
5.19
5.05
4.93
4.75
4.49
4.25
3.48
S21
(dB)
14.2
14.5
14.5
14.5
14.3
14.1
13.9
13.5
13.0
12.6
10.8
S11
(ang)
-70
-86
-100
-109
-99
-86
-68
-49
-31
-10
19
S11
(mag)
0.37
0.22
0.17
0.16
0.15
0.14
0.14
0.14
0.13
0.13
0.06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com