Electronic Components Datasheet Search
  English  ▼

X  

MAX2633 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2633
Description  VHF-to-Microwave, 3V, General-Purpose Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2633 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2633 Datasheet HTML 1Page - Maxim Integrated Products MAX2633 Datasheet HTML 2Page - Maxim Integrated Products MAX2633 Datasheet HTML 3Page - Maxim Integrated Products MAX2633 Datasheet HTML 4Page - Maxim Integrated Products MAX2633 Datasheet HTML 5Page - Maxim Integrated Products MAX2633 Datasheet HTML 6Page - Maxim Integrated Products MAX2633 Datasheet HTML 7Page - Maxim Integrated Products MAX2633 Datasheet HTML 8Page - Maxim Integrated Products MAX2633 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
VHF-to-Microwave, +3V,
General-Purpose Amplifiers
_______________________________________________________________________________________
3
__________________________________________Typical Operating Characteristics
(VCC = +3V, V SHDN = VCC (MAX2631/MAX2633), Z0 = 50
Ω, fIN = 900MHz, RBIAS = 10kΩ (MAX2632/MAX2633), TA = +25°C, unless
otherwise noted.)
10
8
6
4
2
0
234
5
6
SUPPLY CURRENT vs. SUPPLY VOLTAGE
VCC (V)
TA = +85°C
TA = -40°C
TA = +25°C
25
20
15
10
5
0
0
5.0
2.5
10.0
15.0
MAX2632/MAX2633
GAIN vs. SUPPLY CURRENT
ICC (mA)
7.5
12.5
f = 0.1GHz
f = 0.9GHz
f = 1.5GHz
20
16
12
8
4
0
0.1
0.3
0.7
1.1
1.3
1.5
GAIN vs. FREQUENCY AND VOLTAGE
FREQUENCY (GHz)
0.5
0.9
VCC = 5V
VCC = 3V
-5.0
-7.5
-10.0
-12.5
-15.0
0.1
0.3
0.7
1.1
1.3
1.5
OUTPUT 1dB COMPRESSION
POWER vs. FREQUENCY AND TEMPERATURE
FREQUENCY (GHz)
0.5
0.9
TA = -40°C
TA = +85°C
20
16
12
8
4
0
0.1
0.3
0.7
1.1
1.3
1.5
GAIN vs. FREQUENCY
AND TEMPERATURE
FREQUENCY (GHz)
0.5
0.9
TA = -40°C
TA = +85°C
TA = +25°C
-5.0
-7.5
-10.0
-12.5
-15.0
0.1
0.3
0.7
1.1
1.3
1.5
OUTPUT 1dB COMPRESSION
POWER vs. FREQUENCY AND VOLTAGE
FREQUENCY (GHz)
0.5
0.9
VCC = 5V
VCC = 3V
0
-4
-8
-12
-16
-20
0
2.5
7.5
12.5
15.0
MAX2632/MAX2633
OUTPUT 1dB COMPRESSION
POWER vs. SUPPLY CURRENT
ICC (mA)
5.0
10.0
f = 0.1GHz
f = 0.9GHz
f = 1.5GHz
5
4
3
2
1
0
0.1
0.3
0.5
0.9
1.1
1.5
NOISE FIGURE vs. FREQUENCY
FREQUENCY (GHz)
0.7
1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com