Electronic Components Datasheet Search
  English  ▼

X  

MAX2633 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2633
Description  VHF-to-Microwave, 3V, General-Purpose Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2633 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2633 Datasheet HTML 1Page - Maxim Integrated Products MAX2633 Datasheet HTML 2Page - Maxim Integrated Products MAX2633 Datasheet HTML 3Page - Maxim Integrated Products MAX2633 Datasheet HTML 4Page - Maxim Integrated Products MAX2633 Datasheet HTML 5Page - Maxim Integrated Products MAX2633 Datasheet HTML 6Page - Maxim Integrated Products MAX2633 Datasheet HTML 7Page - Maxim Integrated Products MAX2633 Datasheet HTML 8Page - Maxim Integrated Products MAX2633 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
VHF-to-Microwave, +3V,
General-Purpose Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3V, Z0 = 50
Ω, fIN = 900MHz, RBIAS = 10kΩ (MAX2632/MAX2633), V SHDN = VCC (MAX2631/MAX2633), TA = +25°C, unless
otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Guaranteed by design and characterization.
VCC to GND ................................................................-0.3V to 6V
Input Power.........................................................................5dBm
OUT Current .....................................................................±12mA
IN to GND Voltage ...................................................-1.2V to 1.2V
Bias to GND Voltage ....................................................0.0V to 3V
Voltage at SHDN Input
(MAX2631/MAX2633) ............................-0.3V to (VCC + 0.3V)
Current into SHDN Input (MAX2631/MAX2633).................100µA
Continuous Power Dissipation (TA = +70°C)
SOT143 (derate 4mW/°C above +70°C) .....................320mW
SOT23-5 (derate 7.1mW/°C above +70°C).................571mW
SOT23-6 (derate 7.1mW/°C above +70°C).................571mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETERS
MIN
TYP
MAX
UNITS
Output Voltage Standing-Wave Ratio
1.25:1
Input Voltage Standing-Wave Ratio
1.3:1
Output IP3
-1
dBm
Output 1dB Compression Point
-11
dBm
1.3
1.5
5.5
6.5
8.0
Operating Temperature Range
-40
85
degrees
Power Gain
11
13.4
16.5
dB
Noise Figure
3.8
dB
Shutdown Supply Current
<0.1
1
µA
SHDN Input Low Voltage
0.45
V
SHDN Input High Voltage
2.0
V
SHDN Input Bias Current
30
1
µA
CONDITIONS
fIN = 800MHz to 1000MHz
fIN = 800MHz to 1000MHz
RBIAS =10k
Ω
(Note 1)
TA = +25°C
MAX2631/MAX2633
MAX2631/MAX2633, VCC = 2.7V to 5.5V
MAX2631/MAX2633, VCC = 2.7V to 5.5V
MAX2631/
MAX2633
VSHDN = VCC
VSHDN = GND
Supply Voltage
2.7
5.5
V
9.4
18.4
TA = TMIN to TMAX (Note 1)
4.2
6.5
9.2
5.2
6.5
11.0
mA
Supply Current
15
17
RBIAS = 500
Ω
RBIAS = 40k
Ω
VCC = 3V, TA = +25°C
VCC = 2.7V to 5.5V, TA = +25°C
VCC = 3V, TA = TMIN to TMAX (Note1)
CAUTION! ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com