Electronic Components Datasheet Search
  English  ▼

X  

MIC28514 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC28514
Description  75V/5A Hyper Speed Control® Synchronous DC/DC Buck Regulator with External Soft Start
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28514 Datasheet(HTML) 2 Page - Microchip Technology

  MIC28514 Datasheet HTML 1Page - Microchip Technology MIC28514 Datasheet HTML 2Page - Microchip Technology MIC28514 Datasheet HTML 3Page - Microchip Technology MIC28514 Datasheet HTML 4Page - Microchip Technology MIC28514 Datasheet HTML 5Page - Microchip Technology MIC28514 Datasheet HTML 6Page - Microchip Technology MIC28514 Datasheet HTML 7Page - Microchip Technology MIC28514 Datasheet HTML 8Page - Microchip Technology MIC28514 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
 2017-2021 Microchip Technology Inc.
DS20005693G-page 2
MIC28514
Package Type
Functional Block Diagram
MIC28514
6 mm x 6 mm 32-Lead VQFN
2
SW
BST
ILIM
EN
EXTVDD
PGND
PVDD
PGND
32
1
31 30 29
3
4
23
22
21
910 11 12
24
6
PVIN
PVIN
PVIN
PVIN
5
7
8
13 14 15 16
SW
PGND
PGND
PGND
19
18
17
20
28 27 26 25
PGND
PVIN
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com