Electronic Components Datasheet Search
  English  ▼

X  

MIC28514 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC28514
Description  75V/5A Hyper Speed Control® Synchronous DC/DC Buck Regulator with External Soft Start
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28514 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC28514 Datasheet HTML 4Page - Microchip Technology MIC28514 Datasheet HTML 5Page - Microchip Technology MIC28514 Datasheet HTML 6Page - Microchip Technology MIC28514 Datasheet HTML 7Page - Microchip Technology MIC28514 Datasheet HTML 8Page - Microchip Technology MIC28514 Datasheet HTML 9Page - Microchip Technology MIC28514 Datasheet HTML 10Page - Microchip Technology MIC28514 Datasheet HTML 11Page - Microchip Technology MIC28514 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
 2017-2021 Microchip Technology Inc.
DS20005693G-page 8
MIC28514
Note: Unless otherwise indicated, VIN =12V, VOUT =5V, IOUT =0A, fSW = 300 kHz, RCL =1.42k, L = 8.2 µH.
FIGURE 2-13:
VIN Operating Supply
Current vs. Input Voltage.
FIGURE 2-14:
VIN Operating Supply
Current vs. Temperature.
FIGURE 2-15:
VIN Shutdown Current vs.
Input Voltage.
FIGURE 2-16:
VIN Shutdown Current vs.
Temperature.
FIGURE 2-17:
VDD Voltage vs. Input
Voltage.
FIGURE 2-18:
VDD Voltage vs. Temperature.
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
1.45
1.5
0
1530456075
V
IN (V)
V
OUT = 5V
V
FB = 1.5V
F
SW = 300 kHz
1
1.1
1.2
1.3
1.4
1.5
1.6
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
V
OUT = 5V
V
FB = 1.5V
F
SW = 300 kHz
0
400
800
1200
1600
2000
0
1530456075
V
IN (V)
0
300
600
900
1200
1500
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
4.8
4.85
4.9
4.95
5
5.05
5.1
0
1530456075
V
IN (V)
IVDD=10mA
IVDD=40mA
I
VDD = 10 mA
I
VDD = 40 mA
4.8
4.85
4.9
4.95
5
5.05
5.1
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
IVDD=10mA
IVDD=40mA
I
VDD = 10 mA
I
VDD = 40 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com