Electronic Components Datasheet Search
  English  ▼

X  

MIC28514 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC28514
Description  75V/5A Hyper Speed Control® Synchronous DC/DC Buck Regulator with External Soft Start
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28514 Datasheet(HTML) 5 Page - Microchip Technology

  MIC28514 Datasheet HTML 1Page - Microchip Technology MIC28514 Datasheet HTML 2Page - Microchip Technology MIC28514 Datasheet HTML 3Page - Microchip Technology MIC28514 Datasheet HTML 4Page - Microchip Technology MIC28514 Datasheet HTML 5Page - Microchip Technology MIC28514 Datasheet HTML 6Page - Microchip Technology MIC28514 Datasheet HTML 7Page - Microchip Technology MIC28514 Datasheet HTML 8Page - Microchip Technology MIC28514 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
 2017-2021 Microchip Technology Inc.
DS20005693G-page 5
MIC28514
PG Low Voltage
VPG_LOW
—70
200
mV
VFB < 90% × VNOM,
IPG =1mA
Thermal Protection
Overtemperature Shutdown
TSHD
—
+150
—
°C
TJ rising (Note 4)
Overtemperature Shutdown
Hysteresis
TSHD_HYS
—+15
—
°C
(Note 4)
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Junction Operating Temperature
TJ
–40
—
+125
°C
Note 1
Storage Temperature Range
TS
–65
—
+150
°C
Junction Temperature
TJ
—
—
+150
°C
Lead Temperature
TLEAD
—
—
+260
°C
Soldering, 10s
Package Thermal Resistance
Thermal Resistance, 6 mm x 6 mm,
VQFN-32LD
JA
—33.3
—
°C/W
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.
ELECTRICAL CHARACTERISTICS(1) (CONTINUED)
Electrical Characteristics: PVIN =12V, VOUT =5V, VDD =5V, VBST – VSW =5V; fSW = 300 kHz, RCL = 1.42 k,
L= 8.2 µH; TA = +25°C, unless noted. Boldface values indicate -40°C ≤ TJ ≤ +125°C.
(Note 3)
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: Specification for packaged product only.
2: The ICL is trimmed to get the current in the limits at room temperature.
3: Temperature limits apply for automotive AEC-Q104 qualified part.
4: Not production tested. Specification obtained by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com