Electronic Components Datasheet Search
  English  ▼

X  

MIC28514 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC28514
Description  75V/5A Hyper Speed Control® Synchronous DC/DC Buck Regulator with External Soft Start
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28514 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC28514 Datasheet HTML 17Page - Microchip Technology MIC28514 Datasheet HTML 18Page - Microchip Technology MIC28514 Datasheet HTML 19Page - Microchip Technology MIC28514 Datasheet HTML 20Page - Microchip Technology MIC28514 Datasheet HTML 21Page - Microchip Technology MIC28514 Datasheet HTML 22Page - Microchip Technology MIC28514 Datasheet HTML 23Page - Microchip Technology MIC28514 Datasheet HTML 24Page - Microchip Technology MIC28514 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
 2017-2021 Microchip Technology Inc.
DS20005693G-page 21
MIC28514
5.8
Ripple Injection
The VFB ripple required for proper operation of the
MIC28514 gm amplifier and comparator is 20 mV to
100 mV. However, the output voltage ripple is generally
designed as 1% to 2% of the output voltage. For low
output voltages, such as 1V, the output voltage ripple is
only 10 mV-20 mV and the feedback voltage ripple is
less than 20 mV. If the feedback voltage ripple is so
small that the gm amplifier and comparator cannot
sense it, then the MIC28514 loses control and the
output voltage is not regulated. In order to have
sufficient VFB ripple, a ripple injection method should
be applied for low output voltage ripple applications.
The applications are divided into three situations
according to the amount of the feedback voltage ripple:
1.
Enough ripple at the feedback voltage due to the
large ESR of the output capacitors (Figure 5-2).
The converter is stable without any ripple
injection.
FIGURE 5-2:
Enough Ripple at FB.
The feedback voltage ripple is:
EQUATION 5-19:
2.
Inadequate ripple at the feedback voltage due to
the small ESR of the output capacitors.
In this situation, the output voltage ripple is fed into
the FB pin through a Feed-Forward Capacitor, Cff,
as shown in Figure 5-3. The typical Cff value is
between 1 nF and 22 nF.
FIGURE 5-3:
Inadequate Ripple at FB.
With the feed-forward capacitor, the feedback
voltage ripple is very close to the output voltage
ripple.
EQUATION 5-20:
3.
Virtually no ripple at the FB pin voltage due to
the very low-ESR of the output capacitors.
In this situation, the output voltage ripple is less
than 20 mV. Therefore, additional ripple is
injected into the FB pin from the Switching
Node, SW, via a resistor, RINJ, and a capacitor,
CINJ, as shown in Figure 5-4.
FIGURE 5-4:
Invisible Ripple at FB.
The injected ripple is:
EQUATION 5-21:
EQUATION 5-22:
In Equation 5-21 and Equation 5-22, it is assumed that
the time constant associated with Cff must be much
greater than the switching period:
EQUATION 5-23:
SW
FB
L
R
1
R
2
C
OUT
ESR
MIC28514
VFB PP

R2
R1 R2
+
------------------- ESR
COUT
ILPP

=
Where:
ΔIL(PP) = Peak-to-Peak Value of the Inductor
Current Ripple
SW
FB
L
R
1
R
2
ESR
MIC28514
C
ff
C
OUT
VFB(PP)  ESRCOUT  IL(PP)
SW
FB
L
R1
R2
COUT
ESR
MIC28514
CFF
CINJ
RINJ
VFB PP

VIN KDIV
D
1D
–

1
fSW 
-----------------
=
Where:
VIN
= Power Stage Input Voltage
D
= Duty Cycle
fSW = Switching Frequency
τ
=(R1//R2//RINJ) x Cff
KDIV
R1//R2
RINJ R1//R2
+
-----------------------------------
=
1
fSW 
-----------------
T
---1
«
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com