Electronic Components Datasheet Search
  English  ▼

X  

MIC28514 Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC28514
Description  75V/5A Hyper Speed Control® Synchronous DC/DC Buck Regulator with External Soft Start
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28514 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC28514 Datasheet HTML 18Page - Microchip Technology MIC28514 Datasheet HTML 19Page - Microchip Technology MIC28514 Datasheet HTML 20Page - Microchip Technology MIC28514 Datasheet HTML 21Page - Microchip Technology MIC28514 Datasheet HTML 22Page - Microchip Technology MIC28514 Datasheet HTML 23Page - Microchip Technology MIC28514 Datasheet HTML 24Page - Microchip Technology MIC28514 Datasheet HTML 25Page - Microchip Technology MIC28514 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
 2017-2021 Microchip Technology Inc.
DS20005693G-page 22
MIC28514
If the voltage divider resistors, R1 and R2, are in the kΩ
range, a Cff of 1 nF to 22 nF can easily satisfy the large
time constant requirements. Also, a 100 nF Injection
Capacitor, CINJ, is used in order to be considered as
short for a wide range of the frequencies.
The process of sizing the ripple injection resistor and
capacitors is as follows:
1.
Select Cff to feed all output ripples into the Feed-
back pin and make sure the large time constant
assumption is satisfied. A typical choice for Cff is
1 nF to 22 nF if R1 and R2 are in the kΩ range.
2.
Select RINJ according to the expected feedback
voltage ripple using Equation 5-24:
EQUATION 5-24:
Then, the value of RINJ is obtained as:
EQUATION 5-25:
3.
Select CINJ as 100 nF, which could be considered
as short for a wide range of the frequencies.
5.9
Thermal Measurements
Measuring the IC’s case temperature is recommended
to ensure it is within its operating limits. Although this
might seem like a very elementary task, it is easy to get
erroneous results. The most common mistake is to use
the standard thermocouple that comes with a thermal
meter. This thermocouple wire gauge is large, typically
22 gauge, and behaves like a heat sink, resulting in a
lower case measurement.
There are two methods of temperature measurement:
using a smaller thermocouple wire or an infrared
thermometer. If a thermocouple wire is used, it must be
of 36-gauge or higher (smaller wire size) to minimize
the
wire
heat-sinking
effect.
In
addition,
the
thermocouple tip must be covered in either thermal
grease or thermal glue to make sure that the
thermocouple junction makes good contact with the
case of the IC.
Wherever possible, an infrared thermometer is
recommended. An optional stand makes it easy to hold
the beam on the IC for long periods of time.
KDIV
VFB PP

VIN
-----------------------
fSW 
D1 D
–

----------------------------
=
RINJ
R1//R2

1
KDIV
------------ 1
–


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com