Electronic Components Datasheet Search
  English  ▼

X  

MIC28514 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC28514
Description  75V/5A Hyper Speed Control® Synchronous DC/DC Buck Regulator with External Soft Start
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28514 Datasheet(HTML) 4 Page - Microchip Technology

  MIC28514 Datasheet HTML 1Page - Microchip Technology MIC28514 Datasheet HTML 2Page - Microchip Technology MIC28514 Datasheet HTML 3Page - Microchip Technology MIC28514 Datasheet HTML 4Page - Microchip Technology MIC28514 Datasheet HTML 5Page - Microchip Technology MIC28514 Datasheet HTML 6Page - Microchip Technology MIC28514 Datasheet HTML 7Page - Microchip Technology MIC28514 Datasheet HTML 8Page - Microchip Technology MIC28514 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
 2017-2021 Microchip Technology Inc.
DS20005693G-page 4
MIC28514
Shutdown Supply Current
IQSHDN
—0.15
2
µA
Power from VIN, VEN =0V
—35
60
µA
VIN =VDD =5.5V, VEN =0V
Reference
Feedback Reference Voltage
VFB
0.597
0.6
0.603
V
TJ =+25°C
0.594
0.6
0.606
-40°C ≤ TJ ≤ +125°C
Load Regulation
—
—
0.04
—
%
IOUT = 0A to 5A (Note 4)
Line Regulation
—
—
0.1
—
%
PVIN = 7V to 75V (Note 4)
FB Bias Current
IFB_BIAS
—
0.05
0.5
µA
VFB =0.6V
Enable Control
EN Logic Level High
ENHIGH
1.6
——
V
EN Logic Level Low
ENLOW
——
0.6
V
EN Bias Current
IENBIAS
—6
30
µA
VEN =0V
On Timer
Maximum Switching Frequency
FREQ
720
800
880
kHz
FREQ = PVIN, IOUT =5A
Minimum Switching Frequency
FREQ
230
270
300
kHz
FREQ = 33% PVIN
Maximum Duty Cycle
DMAX
—85
—
%
VFB =0V, FREQ = PVIN
(Note 1)
Minimum Duty Cycle
DMIN
—0
—
%
VFB > 0.6V
Minimum Off-Time
tOFF(MIN)
100
200
300
ns
Minimum On-Time
tON(MIN)
—60
—
ns
(Note 4)
Soft Start
Soft Start Current Source
ISS
0.8
1.4
3
µA
Soft Start Period Range
—
2.5
—
40
ms
Current Limit
Current Limit
ICLIM
5.5
6.25
7
A
RCL =1.42kΩ (Note 2,
Note 4)
ILIM Source Current
ICL
—135
—
µA
ILIM Source Current Tempco
—
—
0.3
—
µA/°C
(Note 4)
Internal FETs
Top MOSFET RDS(ON)
RDS(ON)
—25
—
mΩ
Bottom MOSFET RDS(ON)
RDS(ON)
—25
—
mΩ
SW Leakage Current
ISWLEAK
——
5
µA
PVIN =48V, VEN =0V
PVIN Leakage Current
IVINLEAK
——
10
µA
PVIN =48V, VEN =0V
BST Leakage Current
IBSTLEAK
—
—
10
µA
PVIN = 48V, VEN =0V
Power Good (PG)
PG Threshold
VPG_TH
85
90
95
%VFB rising
PG Threshold Hysteresis
VPG_HYS
—6
—
%
VFB falling
PG Delay Time
tPG_DLY
—150
—
µs
VFB rising
ELECTRICAL CHARACTERISTICS(1) (CONTINUED)
Electrical Characteristics: PVIN =12V, VOUT =5V, VDD =5V, VBST – VSW =5V; fSW = 300 kHz, RCL = 1.42 k,
L= 8.2 µH; TA = +25°C, unless noted. Boldface values indicate -40°C ≤ TJ ≤ +125°C.
(Note 3)
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: Specification for packaged product only.
2: The ICL is trimmed to get the current in the limits at room temperature.
3: Temperature limits apply for automotive AEC-Q104 qualified part.
4: Not production tested. Specification obtained by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com