Electronic Components Datasheet Search
  English  ▼

X  

UCS2113-C Datasheet(PDF) 19 Page - Microchip Technology

Part # UCS2113-C
Description  USB Dual-Port Power Switch and Current Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-C Datasheet(HTML) 19 Page - Microchip Technology

Back Button UCS2113-C Datasheet HTML 15Page - Microchip Technology UCS2113-C Datasheet HTML 16Page - Microchip Technology UCS2113-C Datasheet HTML 17Page - Microchip Technology UCS2113-C Datasheet HTML 18Page - Microchip Technology UCS2113-C Datasheet HTML 19Page - Microchip Technology UCS2113-C Datasheet HTML 20Page - Microchip Technology UCS2113-C Datasheet HTML 21Page - Microchip Technology UCS2113-C Datasheet HTML 22Page - Microchip Technology UCS2113-C Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
 2020 Microchip Technology Inc.
DS20006466A-page 19
UCS2113-C
FIGURE 5-2:
Wake from Sleep using SMBus Read.
5.1.3
ACTIVE STATE OPERATION
Every time the UCS2113-C enters the Active state, the
port power switches are closed. The UCS2113-C
cannot be in the Active state (and therefore, the port
power switch cannot be turned on) if any of the
following conditions exist:
•VS <VS_UVLO
• PWR_EN1 and PWR_EN2 are disabled.
5.1.4
ERROR STATE OPERATION
The UCS2113-C will enter the Error state from the
Active state when any of the following events are
detected:
• The maximum allowable internal die temperature
(TTSD_HIGH) has been exceeded.
•The TTSD_LOW die temperature has been
exceeded and any of the following conditions is
met:
- a power switch operates in constant current
mode
- PWR_EN1 and/or PWR_EN2 controls
transition from inactive to active.
- it is a power up situation and PWR_EN1
and/or PWR_EN2 pins are active.
• An overcurrent condition has been detected.
• An undervoltage condition on either VBUS pin has
been detected (see Section 5.3.4 “Undervoltage
Lockout on VS”).
• A back-voltage condition has been detected (see
Section 5.3.2 “Back-voltage Detection”).
• A discharge error has been detected.
• An overvoltage condition on the VS pin.
When the UCS2113-C enters the Error state, the port
power switch will be disabled while the ALERT# pin is
asserted. It will remain off while in this power state. The
UCS2113-C will leave this state as determined by the
fault handling selection.
With the Auto-recovery fault handler, after the tCYCLE
time period, the UCS2113-C will check that all of the
error conditions have been removed.
If all of the error conditions have been removed, the
UCS2113-C will return to the Active state.
If both PWR_EN1 and PWR_EN2 controls transition
from active to inactive while the UCS2113-C is in the
Error state, the device will not enter the Sleep state.
After the fault has been removed, the UCS2113-C will
automatically enter the Sleep state.
0101_1110 A
invalid dataN P
SMBus Read
A
0001_0000
0101_1110 A
valid data N P
0001_0000
S
S
tIDLE_SLEEP
Sleep
Sleep
Dummy read returns invalid data
and places device in temporary
Active state
Read returns valid data
0101_1111 A
S
0101_1111 A
S
A
Power State
temporary Active state
(not all functionality available)
tSMB_WAKE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com