Electronic Components Datasheet Search
  English  ▼

X  

UCS2113-C Datasheet(PDF) 15 Page - Microchip Technology

Part # UCS2113-C
Description  USB Dual-Port Power Switch and Current Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-C Datasheet(HTML) 15 Page - Microchip Technology

Back Button UCS2113-C Datasheet HTML 11Page - Microchip Technology UCS2113-C Datasheet HTML 12Page - Microchip Technology UCS2113-C Datasheet HTML 13Page - Microchip Technology UCS2113-C Datasheet HTML 14Page - Microchip Technology UCS2113-C Datasheet HTML 15Page - Microchip Technology UCS2113-C Datasheet HTML 16Page - Microchip Technology UCS2113-C Datasheet HTML 17Page - Microchip Technology UCS2113-C Datasheet HTML 18Page - Microchip Technology UCS2113-C Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
 2020 Microchip Technology Inc.
DS20006466A-page 15
UCS2113-C
4.0
TERMS AND ABBREVIATIONS
Note:
The PWR_EN1 and PWR_EN2 pins each have configuration bits (“<pin name>_S” in General
Configuration 1 register (Address 11h) and General Configuration 2 register (Address 12h)) that may be
used to perform the same function as the external pin state. These bits are accessed via the SMBus/I2C
and are OR’d with the respective pin. This OR’d combination of pin state and register bit is referenced as
the <pin name> control.
TABLE 4-1:
TERMS AND ABBREVIATIONS
Term/Abbreviation
Description
ILIM
The IBUS current threshold used in current limiting, when ILIM is reached, the port power
switch is opened.
OCL
Overcurrent limit
POR
Power-on Reset
Portable Device
USB device attached to the USB port
Stand-Alone Mode
Indicates that the communications protocol is not active and all communications between the
UCS2113-C and a controller are done via the external pins only (PWR_EN1 and PWR_EN2
as inputs, and ALERT1# and ALERT2# as outputs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com