Electronic Components Datasheet Search
  English  ▼

X  

UCS2113-C Datasheet(PDF) 57 Page - Microchip Technology

Part # UCS2113-C
Description  USB Dual-Port Power Switch and Current Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-C Datasheet(HTML) 57 Page - Microchip Technology

Back Button UCS2113-C Datasheet HTML 52Page - Microchip Technology UCS2113-C Datasheet HTML 53Page - Microchip Technology UCS2113-C Datasheet HTML 54Page - Microchip Technology UCS2113-C Datasheet HTML 55Page - Microchip Technology UCS2113-C Datasheet HTML 56Page - Microchip Technology UCS2113-C Datasheet HTML 57Page - Microchip Technology UCS2113-C Datasheet HTML 58Page - Microchip Technology UCS2113-C Datasheet HTML 59Page - Microchip Technology UCS2113-C Datasheet HTML 60Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
 2020 Microchip Technology Inc.
DS20006466A-page 55
UCS2113-C
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
UCS2113-C:
USB Dual-Port Power Switch
and Current Monitor
Version:
1C = SMBus address 57h
2C = SMBus address 56h
Temperature Range: V
= -40°C to +105°C (Various)
Package:
G4 = Plastic Quad Flat No Lead Package - 4x4 mm
Body with 0.40 mm Contact Length, Saw
Singulated, QFN, 20-lead
Qualification:
(Blank) =
Standard Qualification
VAO
=
AEC-Q100 Automotive Qualification
PART NO.
–X
/XX
Package
Temperature
Range
Device
[T](1)
Tape and Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
Examples:
a) UCS2113-1C-V/G4:
Various temperature,
SMBus address 57h,
20-pin 4x4 QFN package
b) UCS2113T-2C-V/G4VAO:
Tape and Reel,
SMBus address 56h,
Various temperature,
20-pin 4x4 QFN package,
AEC-Q100 Automotive
qualified
–XX
Version
XXX
Qualification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com