Electronic Components Datasheet Search
  English  ▼

X  

UCS2113-C Datasheet(PDF) 1 Page - Microchip Technology

Part # UCS2113-C
Description  USB Dual-Port Power Switch and Current Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-C Datasheet(HTML) 1 Page - Microchip Technology

  UCS2113-C Datasheet HTML 1Page - Microchip Technology UCS2113-C Datasheet HTML 2Page - Microchip Technology UCS2113-C Datasheet HTML 3Page - Microchip Technology UCS2113-C Datasheet HTML 4Page - Microchip Technology UCS2113-C Datasheet HTML 5Page - Microchip Technology UCS2113-C Datasheet HTML 6Page - Microchip Technology UCS2113-C Datasheet HTML 7Page - Microchip Technology UCS2113-C Datasheet HTML 8Page - Microchip Technology UCS2113-C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
 2020 Microchip Technology Inc.
DS20006466A-page 1
UCS2113-C
Features
• Dual-Port Power Switches:
- 2.9V to 5.5V source voltage range
- 3A continuous current per VBUS port with
40 m
 On resistance per switch
- Independent port power switch enable pins
- DUAL fault ALERT# active drain output pins
- Trip mode current limiting behavior
- Undervoltage and overvoltage lockout
- Back-drive, back-voltage protection
- Auto-recovery fault handling with low test
current
- BOOST# logic output to increase DC-DC
converter output under large load conditions
• SMBus 2.0/I2C Mode Features:
- Three programmable current limits
assignable to each power switch
- Other SMBus addresses available upon
request
- Block read and block write
• Self-Contained Current Monitoring (No External
Sense Resistor Required)
• Fully Programmable Per-Port Charge Rationing
and Behaviors
• Automatic VBUS Discharge Function
• Wide Operating Temperature Range:
- -40°C to +105°C
• Passes Automotive AEC-Q100 Reliability Testing
Description
The UCS2113-C is a dual USB port power switch
configuration which can provide 3A continuous current
per VBUS port with precision overcurrent limiting (OCL),
port power switch enables, auto-recovery fault
handling, undervoltage and overvoltage lockout,
back-drive protection and back-voltage protection, and
thermal protection.
The UCS2113-C is well suited for both stand-alone and
applications having SMBus/I2C communications.
For applications with SMBus, the UCS2113-C provides
per-port current monitoring and three programmable
current limits per switch, ranging from 3.5A to 5.2A.
Per-port charge rationing is also provided ranging from
3.8 mAh to 246.3 Ah.
In stand-alone mode, the UCS2113-C provides three
current limits for both switches, ranging from
3.5A + 3.5A to 5.2A + 5.2A (see Table 1-1).
Both power switches include an independent VBUS
discharge function.
The UCS2113-C is available in a 4x4 mm 20-pin QFN
package.
Package Type
2
BOOST#
VBUS1
PWR_EN1
PWR_EN2
GND
COMM_ILIM
VBUS2
GND
EP
20
1
19 18 17
3
4
14
13
12
11
67
8
9
21
5
10
15
16
VBUS1
VBUS2
UCS2113-C
4x 4 QFN*
* Includes Exposed Thermal Pad (EP); see Table 3-1.
USB Dual-Port Power Switch and Current Monitor


Similar Part No. - UCS2113-C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UCS2113-1-V/G4 MICROCHIP-UCS2113-1-V/G4 Datasheet
900Kb / 62P
USB Dual-Port Power Switch and Current Monitor
Rev A December 2016
UCS2113-2-V/G4 MICROCHIP-UCS2113-2-V/G4 Datasheet
900Kb / 62P
USB Dual-Port Power Switch and Current Monitor
Rev A December 2016
More results

Similar Description - UCS2113-C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3525 NSC-LM3525 Datasheet
243Kb / 10P
Single Port USB Power Switch and Over-Current Protection
LM3526 NSC-LM3526 Datasheet
323Kb / 11P
Dual Port USB Power Switch and Over-Current Protection
logo
Unisonic Technologies
US3026A UTC-US3026A Datasheet
161Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
US2026A UTC-US2026A Datasheet
224Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
logo
Texas Instruments
TPS2511 TI1-TPS2511 Datasheet
898Kb / 26P
USB Dedicated Charging Port Controller and Current Limiting Power Switch
TPS2511-Q1 TI1-TPS2511-Q1 Datasheet
1Mb / 28P
USB Dedicated Charging Port Controller and Current Limiting Power Switch
LM3526MX-H TI1-LM3526MX-H Datasheet
1Mb / 18P
LM3526 Dual Port USB Power Switch and Over-Current Protection
logo
Microchip Technology
UCS2112 MICROCHIP-UCS2112 Datasheet
930Kb / 64P
USB Dual-Port Power Switch and Current Monitor
07/14/15
logo
Texas Instruments
LM3525 TI1-LM3525 Datasheet
1Mb / 17P
Single Port USB Power Switch and Over-Current Protection
logo
Microchip Technology
UCS2113 MICROCHIP-UCS2113 Datasheet
900Kb / 62P
USB Dual-Port Power Switch and Current Monitor
Rev A December 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com