Electronic Components Datasheet Search
  English  ▼

X  

UCS2113-C Datasheet(PDF) 25 Page - Microchip Technology

Part # UCS2113-C
Description  USB Dual-Port Power Switch and Current Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-C Datasheet(HTML) 25 Page - Microchip Technology

Back Button UCS2113-C Datasheet HTML 21Page - Microchip Technology UCS2113-C Datasheet HTML 22Page - Microchip Technology UCS2113-C Datasheet HTML 23Page - Microchip Technology UCS2113-C Datasheet HTML 24Page - Microchip Technology UCS2113-C Datasheet HTML 25Page - Microchip Technology UCS2113-C Datasheet HTML 26Page - Microchip Technology UCS2113-C Datasheet HTML 27Page - Microchip Technology UCS2113-C Datasheet HTML 28Page - Microchip Technology UCS2113-C Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
 2020 Microchip Technology Inc.
DS20006466A-page 25
UCS2113-C
6.4
Charge Rationing Interactions
When charge rationing is active, regardless of the
specified behavior, the UCS2113-C will function
normally until the charge rationing threshold is
reached. Note that charge rationing is only active
when the UCS2113-C is in the Active state. Changing
the charge rationing behavior will have no effect on the
charge rationing data registers. If the behavior is
changed prior to reaching the charge rationing
threshold, this change will occur and be transparent to
the user. When the charge rationing threshold is
reached, the UCS2113-C will take action as shown in
Table 6-2. If the behavior is changed after the charge
rationing threshold has been reached, the UCS2113-C
will immediately adopt the newly programmed
behavior, clearing the ALERT# pin and restoring
switch operation respectively (see Table 6-4).
TABLE 6-2:
CHARGE RATIONING BEHAVIOR
RATION_BEH
(1 or 2) <1:0>
Behavior
Actions Taken
Notes
10
00
Report
ALERT# pin asserted.
01
Report and
Disconnect
(default)
1.
ALERT# pin asserted
2.
Port power switch discon-
nected
All bus monitoring is still active.
Toggling the PWR_EN control will cause the
device to change power states as defined by the
registers; however, the port power switch will
remain off until the rationing circuitry is reset.
10
Disconnect
and
Go to Sleep
1.
Port power switch discon-
nected
2.
Device will enter the Sleep
state
All VBUS and VS monitoring will be stopped.
Toggling the PWR_EN control will have no effect
on the power state until the rationing circuitry is
reset.
11
Ignore
Take no further action
TABLE 6-3:
CHARGE RATIONING RESET BEHAVIOR
Behavior
Reset Actions
Report
1.
Reset the Total Accumulated Charge registers
2.
Clear the RATION status bit
3.
Release the ALERT# pin
Report and Disconnect
1.
Reset the Total Accumulated Charge registers
2.
Clear the RATION status bit
3.
Release the ALERT# pin
4.
Check the PWR_EN controls and enter the indicated power state if the controls
changed
Disconnect and
Go to Sleep
1.
Reset the Total Accumulated Charge registers
2.
Clear the RATION status bit
3.
Check the PWR_EN controls and enter the indicated power state if the controls
changed
Ignore
1.
Reset the Total Accumulated Charge registers
2.
Clear the RATION status bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com