Electronic Components Datasheet Search
  English  ▼

X  

UCS2113-C Datasheet(PDF) 7 Page - Microchip Technology

Part # UCS2113-C
Description  USB Dual-Port Power Switch and Current Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-C Datasheet(HTML) 7 Page - Microchip Technology

Back Button UCS2113-C Datasheet HTML 3Page - Microchip Technology UCS2113-C Datasheet HTML 4Page - Microchip Technology UCS2113-C Datasheet HTML 5Page - Microchip Technology UCS2113-C Datasheet HTML 6Page - Microchip Technology UCS2113-C Datasheet HTML 7Page - Microchip Technology UCS2113-C Datasheet HTML 8Page - Microchip Technology UCS2113-C Datasheet HTML 9Page - Microchip Technology UCS2113-C Datasheet HTML 10Page - Microchip Technology UCS2113-C Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
 2020 Microchip Technology Inc.
DS20006466A-page 7
UCS2113-C
FIGURE 1-1:
SMBus Timing.
Current Measurement - DC
Current Measurement Range
IBUS_M
0
—
3400
mA
Range (Note 2)
Reported Current
Measurement Resolution
IBUS_M
—
13.3
—
mA
1 LSB
Current Measurement
Accuracy
—±2
—
%
200 mA < IBUS < 3400 mA
—±2
—
LSB
IBUS < 200 mA
Current Measurement - AC
Sampling Rate
—
—
1.1
—
ms
Note 2
Conversion Time
Both Channels
tCONV
—
2.2
—
ms
All registers updated in digital
(Note 2)
Charge Rationing - DC
Accumulated Current
Measurement Accuracy
——
±4.5
—
%
Charge Rationing - AC
Current Measurement
Update Time
tPCYCLE
—1
—
s
TABLE 1-2:
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V,
VPULLUP = 3V to 5.5V, TA = -40°C to 105°C. All typical values at VDD = VS = 5V, TA = 27°C.
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions
Note 1:
This parameter is characterized, not 100% tested.
2:
This parameter is ensured by design and not 100% tested.
TABLE 1-3:
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
-40
—
+105
°C
Operating Junction Temperature
TJ
-40
—
+125
°C
Storage Temperature Range
TA
-55
—
+150
°C
Thermal Package Resistances - see Table 1-1
SMDATA
SMCLK
T
BUF
P
S
S - Start Condition
P - Stop Condition
P
S
T HIGH
T LOW
T
HD:STA
T
SU:STO
T
HD:STA
T
HD:DAT
T
SU:DAT
T
SU:STA
T
FALL
T
RISE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com