Electronic Components Datasheet Search
  English  ▼

X  

UTC571 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTC571
Description  COMPANDER Complete compressor and expandor in one IChip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC571 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTC571 Datasheet HTML 1Page - Unisonic Technologies UTC571 Datasheet HTML 2Page - Unisonic Technologies UTC571 Datasheet HTML 3Page - Unisonic Technologies UTC571 Datasheet HTML 4Page - Unisonic Technologies UTC571 Datasheet HTML 5Page - Unisonic Technologies UTC571 Datasheet HTML 6Page - Unisonic Technologies UTC571 Datasheet HTML 7Page - Unisonic Technologies UTC571 Datasheet HTML 8Page - Unisonic Technologies UTC571 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
UTC571
LINEAR INTEGRATED CIRCUIT
YOUW ANG ELECTRONICS CO.LTD
2
BLOCK DIAGRAM
VARIABLE
GAIN
RECTIFIER
VREF
1.8V
R1 10K
R2 20K
R3 20K
R4 20K
RECT CAP
RECT IN
GIN
THD TRIM
R3 INVERTER IN
OUTPUT
ABSOLUTE MAXIMUM RATINGS(Ta=25°C)
Characteristic
Symbol
Value
Unit
Maximum Operating Voltage
VCC
18
V
Operating Temperature
TA
0~70
°C
Power dissipation
PD
400
mW
AC ELECTRICAL CHARACTERISTICS(Ta=25°C, Vcc=+6V,unless otherwise stated)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Supply Voltage
VCC
618
v
Supply Current
ICC
No signal
3.2
4.8
mA
Output Current capability
IOUT
±20
mA
Output Slew Rate
SR
±.5
V/
µs
Gsin Cell Distortion
Untrimmed
Trimmed
0.5
0.1
2.0
%
Resister Tolerance
±5
±15
%
Internal Reference Voltage
1.7
1.85
2.0
V
Output DC Shift
Untrimmed
±30
±150
mV
Expandor Output Noise
No signal, 15Hz-20kHz
20
60
µV
Unity Gain Level
1kHz
-1.5
0
+1.5
dBm
Gain Change
±0.1
dB
Reference Drift
+2,-25 +20,-50
mV
Resistor Drift
+8,-0
%
Tracking Error(measured relative
to value at unity gain) Equals [VO-
VO(unity gain)]dB-V2dBm
Rectifier input,
V2=+6dBm,V1=0dB
V2=-30dBm, V1=0dB
+0.2
+0.2
-1,+1.5
dB
Channel Separation
60
dB
Note: 1. Input to V 1 and V 2 grounded.
2. Measured at 0dBm, 1kHz.
3. Expandor AC input change from no signal to 0dBm.
4. Relative to value at T A = 2
C.
5. Electrical characteristics for the UTC571 only are specified over -40 to +8
°C temperature range.
6. 0dBm = 775mV RMS .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com