Electronic Components Datasheet Search
  English  ▼

X  

UTC571 Datasheet(PDF) 13 Page - Unisonic Technologies

Part # UTC571
Description  COMPANDER Complete compressor and expandor in one IChip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC571 Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button UTC571 Datasheet HTML 6Page - Unisonic Technologies UTC571 Datasheet HTML 7Page - Unisonic Technologies UTC571 Datasheet HTML 8Page - Unisonic Technologies UTC571 Datasheet HTML 9Page - Unisonic Technologies UTC571 Datasheet HTML 10Page - Unisonic Technologies UTC571 Datasheet HTML 11Page - Unisonic Technologies UTC571 Datasheet HTML 12Page - Unisonic Technologies UTC571 Datasheet HTML 13Page - Unisonic Technologies UTC571 Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
UTC571
LINEAR INTEGRATED CIRCUIT
YOUW ANG ELECTRONICS CO.LTD
13
OPERATIONAL AMPLIFIER
The main op amp shown in the chip block diagram is equivalent to a 741 with a 1MHz bandwidth. Figure 18
shows the basic circuit. Split collectors are used in the input pair to reduce g M , so that a small compensation
capacitor of just 10pF may be used. The output stage, although capable of output currents in excess of 20mA, is
biased for a low quiescent current to conserve power. When driving heavy loads, this leads to a small amount of
crossover distortion.
Q1
Q2
Q3
Q4
Q5
Q6
D1
D2
I2
I1
-IN
+IN
OUT
Q7
Figure 14. Operational Amplifier
RESISTORS
Inspection of the gain equations in Figures 3 and 4 will show that the basic compressor and expander circuit
gains may be set entirely by resistor ratios and the internal voltage reference. Thus, any form of resistors that
match well would suffice for these simple hook-ups, and absolute accuracy and temperature coefficient would be of
no importance. However, as one starts to modify the gain equation with external resistors, the internal resistor
accuracy and tempco become very significant. Figure 15 shows the effects of temperature on the diffused resistors
which are normally used in integrated circuits, and the ion-implanted resistors which are used in this circuit. Over
the critical
0°Cto +70°C temperature range, there is a 10-to-1 improvement in drift from a 5% change for the
diffused resistors, to a 0.5% change for the implemented resistors. The implanted resistors have another
advantage in that they can be made the size of the diffused resistors due to the higher resistivity. This saves a
significant amount of chip area.
0.95
1.00
1.05
1.10
1.15
40
TEMPERATURE
-40
0
80
120
DIFFUSED
RESISTOR
140
¡/
1k
¡/
LOW TC IMPLANTED
RESISTOR
1% ERROR BAND
Figure 15. Resistance vs temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com