Electronic Components Datasheet Search
  English  ▼

X  

UTC571 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UTC571
Description  COMPANDER Complete compressor and expandor in one IChip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC571 Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UTC571 Datasheet HTML 3Page - Unisonic Technologies UTC571 Datasheet HTML 4Page - Unisonic Technologies UTC571 Datasheet HTML 5Page - Unisonic Technologies UTC571 Datasheet HTML 6Page - Unisonic Technologies UTC571 Datasheet HTML 7Page - Unisonic Technologies UTC571 Datasheet HTML 8Page - Unisonic Technologies UTC571 Datasheet HTML 9Page - Unisonic Technologies UTC571 Datasheet HTML 10Page - Unisonic Technologies UTC571 Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
UTC571
LINEAR INTEGRATED CIRCUIT
YOUW ANG ELECTRONICS CO.LTD
7
G
VREF
VIN
CIN
R3
20K
R4
30K
RD
C
RDC
CREC
T
R1
10K
R1
20K
CF
VOUT
Figure 4. Basic Components
Figure 4 shows the hook-up for a compressor. This is essentially an expandor placed in the feedback loop of the
op amp . the
∆G cell is setup to provide AC feedback only, so a separate DC feedback loop is provide by the two
RDC and CDC. The values of RDC will determine the DC bias at the output of the amp. The output will bias to:
4
DC2
DC1
OUT
R
R
R
1
DC
V
+
+
=
)1.8V
30K
R
(1
V
DCTOT
REF
+
=
The output of the expander will bias up to:
REF
4
3
OUT
V
R
R
1
DC
V
+
=
3.0V
)1.8V
30K
20K
(1
VREF
=
+
=
The output will bias to 3.0V when the internal resistor are used. External resistor may be placed in series with r3,
(which will affect the gain ), or in parallel with r4 to raise the DC bias to any desired value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com