Electronic Components Datasheet Search
  English  ▼

X  

UTC571 Datasheet(PDF) 12 Page - Unisonic Technologies

Part # UTC571
Description  COMPANDER Complete compressor and expandor in one IChip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC571 Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button UTC571 Datasheet HTML 6Page - Unisonic Technologies UTC571 Datasheet HTML 7Page - Unisonic Technologies UTC571 Datasheet HTML 8Page - Unisonic Technologies UTC571 Datasheet HTML 9Page - Unisonic Technologies UTC571 Datasheet HTML 10Page - Unisonic Technologies UTC571 Datasheet HTML 11Page - Unisonic Technologies UTC571 Datasheet HTML 12Page - Unisonic Technologies UTC571 Datasheet HTML 13Page - Unisonic Technologies UTC571 Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
UTC571
LINEAR INTEGRATED CIRCUIT
YOUW ANG ELECTRONICS CO.LTD
12
0
-100
-80
-60
-40
-20
0
VCA GAIN (0dB)
NOISE IN
20kHz BW
-40
-20
+20
110dB
90dB
MAXIMUM
SIGNAL LEVEL
Figure 12. Dynamic Range of UTC571
Figure 12 shows the noise performance of the DG cell. The maximum output level before clipping occurs in the
gain cell is plotted along with the output noise in a 20kHz bandwidth. Note that the noise drops as the gain is
reduced for the first 20dB of gain reduction. At high gains, the signal to noise ratio is 90dB, and the total dynamic
range from maximum signal to minimum noise is 110dB.
Control signal feedthrough is generated in the gain cell by imperfect device matching and mismatches in the
current sources, I 1 and I 2 . When no input signal is present, changing I G will cause a small output signal. The
distortion trim is effective in nulling out any control signal feedthrough, but in general, the null for minimum
feedthrough will be different than the null in distortion. The control signal
feedthrough can be trimmed
independently of distortion by tying a current source to the DG input pin. This effectively trims I . Figure 17 shows
such a trim network.
3.6V
R-SELECT FOR
TO PIN 3 OR 14
470k
100k
Vcc
Figure 13. control Signal Feedthrough



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com