Electronic Components Datasheet Search
  English  ▼

X  

UTC571 Datasheet(PDF) 11 Page - Unisonic Technologies

Part # UTC571
Description  COMPANDER Complete compressor and expandor in one IChip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC571 Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button UTC571 Datasheet HTML 6Page - Unisonic Technologies UTC571 Datasheet HTML 7Page - Unisonic Technologies UTC571 Datasheet HTML 8Page - Unisonic Technologies UTC571 Datasheet HTML 9Page - Unisonic Technologies UTC571 Datasheet HTML 10Page - Unisonic Technologies UTC571 Datasheet HTML 11Page - Unisonic Technologies UTC571 Datasheet HTML 12Page - Unisonic Technologies UTC571 Datasheet HTML 13Page - Unisonic Technologies UTC571 Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
UTC571
LINEAR INTEGRATED CIRCUIT
YOUW ANG ELECTRONICS CO.LTD
11
0.34
1
2
3
4
-6
0
+6
1mV
2mV
3mV
4mV
VOS=5mV
INPUT LEVEL(dBm)
Figure 10.
∆G Cell Distortion vs Offset Voltage
If the transistors are not perfectly matched, a parabolic, non-linearity is generated, which results in second
harmonic distortion. Figure 10 gives an indication of the magnitude of the distortion caused by a given input level
and offset voltage. The distortion is linearly proportional to the magnitude of the offset and the input level.
Saturation of the gain cell occurs at a +8dBm level. At a nominal operating level of 0dBm, a 1mV offset will yield
0.34% of second harmonic distortion. Most circuits are somewhat better than this, which means our overall offsets
are typically about mV. The distortion is not affected by the magnitude of the gain control current, and it does not
increase as the gain is changed. This second harmonic distortion could be eliminated by making perfect transistors,
but since that would be difficult, we have had to resort to other methods. A trim pin has been provided to allow
trimming of the internal offsets to zero, which effectively eliminated second harmonic distortion. Figure 11 shows
the simple trim network required.
VCC
R
3.6V
20K
6.2K
200PF
TO THD
TRIM
Figure 11. THD Trim Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com