Electronic Components Datasheet Search
  English  ▼

X  

UTC571 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UTC571
Description  COMPANDER Complete compressor and expandor in one IChip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC571 Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UTC571 Datasheet HTML 2Page - Unisonic Technologies UTC571 Datasheet HTML 3Page - Unisonic Technologies UTC571 Datasheet HTML 4Page - Unisonic Technologies UTC571 Datasheet HTML 5Page - Unisonic Technologies UTC571 Datasheet HTML 6Page - Unisonic Technologies UTC571 Datasheet HTML 7Page - Unisonic Technologies UTC571 Datasheet HTML 8Page - Unisonic Technologies UTC571 Datasheet HTML 9Page - Unisonic Technologies UTC571 Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
UTC571
LINEAR INTEGRATED CIRCUIT
YOUW ANG ELECTRONICS CO.LTD
6
BASIC CIRCUIT HOOK-UP AND OPERATION
G
R2
20K
R1
10K
R3
20K
R4
30K
GIN
RECTIN
3.14
2.15
1.16
CRECT
VREE
1.8V
VCC PIN 13
GND PIN 4
OUTPUT
7.10
5.12
6.11
8.9
THD TRIM
R3
INVIN
IG
Figure 2. Chip Block Diagram
Figure 2 shows the block diagram of one half of the chip, (there are two identical channels on the IC). The full-
wave averaging rectifier provides a gain control current, IG , for the variable gain
(∆G) cell. The output of the DG
cell is a current which is fed to the summing node of the operational amplifier. Resistors are provided to establish
circuit gain and set the output DC bias.
The circuit is intended for use in single power supply systems, so the internal summing nodes must be biased at
some voltage above ground. An internal band gap voltage reference provides a very stable, low noise 1.8V
reference denoted VREF . The non-inverting input of the op amp is tied to VREF , and the
summing nodes of the
rectifier and
∆G cell (located at the right of R1 and R2) have the same potential. The THD trim pin is also the VREF
potential.
G
VREF
VOUT
VIN
CIN1
CIN2
R2
R1
R4
R3
CRECT
NOTE: GAIN= 2R3VIN (avg)
R1R2IB
IB=140
­A
Figure 3. Basic Expander
Figure 3 shows how the circuit is hooked up to realize an expandor. The input signal, VIN is applied to the inputs
of both the rectifier and the
∆G cell. When the input signal drops by 6dB, the gain control current will drop by a
factor of 2, and so the gain will drop 6dB. The output level at VOUT will thus drop 12dB, giving us the desired 2 to 1
expansion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com