Electronic Components Datasheet Search
  English  ▼

X  

874005 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 874005
Description  PCI Express™ Jitter Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

874005 Datasheet(HTML) 3 Page - Renesas Technology Corp

  874005 Datasheet HTML 1Page - Renesas Technology Corp 874005 Datasheet HTML 2Page - Renesas Technology Corp 874005 Datasheet HTML 3Page - Renesas Technology Corp 874005 Datasheet HTML 4Page - Renesas Technology Corp 874005 Datasheet HTML 5Page - Renesas Technology Corp 874005 Datasheet HTML 6Page - Renesas Technology Corp 874005 Datasheet HTML 7Page - Renesas Technology Corp 874005 Datasheet HTML 8Page - Renesas Technology Corp 874005 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REVISION B 7/20/15
874005 DATA SHEET
3
PCI Express™ Jitter Attenuator
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= 0°C TO 70°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5 V
Outputs, V
O
-0.5V to V
DDO + 0.5V
Package Thermal Impedance,
θ
JA
70°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions
beyond those listed in the DC Characteristics or AC Charac-
teristics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
DD
Core Supply Voltage
3.135
3.3
3.465
V
V
DDA
Analog Supply Voltage
3.135
3.3
3.465
V
V
DDO
Output Supply Voltage
3.135
3.3
3.465
V
I
DD
Power Supply Current
85
mA
I
DDA
Analog Supply Current
15
mA
I
DDO
Output Supply Current
115
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input High Voltage
OEA, OEB, MR,
F_SELA, F_SELB
2V
DD + 0.3
V
BW_SEL
V
DD - 0.4
V
V
IL
Input Low Voltage
OEA, OEB, MR,
F_SELA, F_SELB
-0.3
0.8
V
BW_SEL
0.4
V
V
IM
Input Mid Voltage
BW_SEL
V
DD/2 - 0.1
V
DD/2 + 0.1
V
I
IH
Input High Current
OEA, OEB
V
DD = VIN = 3.465V
5
µA
F_SELA, F_SELB
MR, BW_SEL
V
DD = VIN = 3.465V
150
µA
I
IL
Input Low Current
BW_SEL,
OEA, OEB
V
DD = 3.465V, VIN = 0V
-150
µA
MR,
F_SELA, F_SELB
V
DD = 3.465V, VIN = 0V
-5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com