Electronic Components Datasheet Search
  English  ▼

X  

874005 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 874005
Description  PCI Express™ Jitter Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

874005 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 874005 Datasheet HTML 6Page - Renesas Technology Corp 874005 Datasheet HTML 7Page - Renesas Technology Corp 874005 Datasheet HTML 8Page - Renesas Technology Corp 874005 Datasheet HTML 9Page - Renesas Technology Corp 874005 Datasheet HTML 10Page - Renesas Technology Corp 874005 Datasheet HTML 11Page - Renesas Technology Corp 874005 Datasheet HTML 12Page - Renesas Technology Corp 874005 Datasheet HTML 13Page - Renesas Technology Corp 874005 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
PCI Express™ Jitter Attenuator
874005 DATA SHEET
10
REVISION B 7/20/15
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the 874005.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the 874005 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
DD = 3.3V + 5% = 3.465V, which gives worst case results.
• Power (core)
MAX = VDD_MAX * (IDD_MAX + IDDA_MAX) = 3.465V * (85mA + 15mA) = 346.5mW
• Power (outputs)
MAX = VDDO_MAX * IDDO_MAX = 3.465V * 115mA = 398.48mW
Total Power
_MAX
= 3.465mW + 398.48mW = 745mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of
the device. The maximum recommended junction temperature for the devices is 125°C.
The equation for Tj is as follows: Tj =
θJA * Pd_total + TA
Tj = Junction Temperature
qJA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θJA must be used. Assuming
a moderate air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 63°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.745W * 63°C/W = 117°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow,
and the type of board (multi-layer).
TABLE 6. THERMAL RESISTANCE
θJA FOR 24-LEAD TSSOP, FORCED CONVECTION
θJA by Velocity (Linear Feet per Minute)
0
200
500
Multi-Layer PCB, JEDEC Standard Test Boards
70°C/W
63°C/W
60°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com