Electronic Components Datasheet Search
  English  ▼

X  

874005 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 874005
Description  PCI Express™ Jitter Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

874005 Datasheet(HTML) 4 Page - Renesas Technology Corp

  874005 Datasheet HTML 1Page - Renesas Technology Corp 874005 Datasheet HTML 2Page - Renesas Technology Corp 874005 Datasheet HTML 3Page - Renesas Technology Corp 874005 Datasheet HTML 4Page - Renesas Technology Corp 874005 Datasheet HTML 5Page - Renesas Technology Corp 874005 Datasheet HTML 6Page - Renesas Technology Corp 874005 Datasheet HTML 7Page - Renesas Technology Corp 874005 Datasheet HTML 8Page - Renesas Technology Corp 874005 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PCI Express™ Jitter Attenuator
874005 DATA SHEET
4
REVISION B 7/20/15
TABLE 4D. LVDS DC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= 0°C TO 70°C
TABLE 5. AC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= 0°C TO 70°C
TABLE 4C. DIFFERENTIAL DC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
I
IH
Input High Current
CLK
V
DD = VIN = 3.465V
150
µA
nCLK
V
DD = VIN = 3.465V
5
µA
I
IL
Input Low Current
CLK
V
DD = VIN = 3.465V
-5
µA
nCLK
V
DD = VIN = 3.465V
-150
µA
V
PP
Peak-to-Peak Input Voltage
0.15
1.3
V
V
CMR
Common Mode Input Voltage; NOTE 1, 2
GND + 0.5
V
DD - 0.85
V
NOTE 1: Common mode voltage is defined as V
IH.
NOTE 2: For single ended applications, the maximum input voltage for CLK, nCLK is V
DD + 0.3V.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
OD
Differential Output Voltage
275
375
485
mV
Δ V
OD
V
OD Magnitude Change
50
mV
V
OS
Offset Voltage
1.2
1.35
1.5
V
Δ V
OS
V
OS Magnitude Change
50
mV
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
98
160
MHz
tjit(cc)
Cycle-to-Cycle Jitter, NOTE 1
15
30
ps
tsk(o)
Output Skew; NOTE 2, 3
90
ps
t
R / tF
Output Rise/Fall Time
20% to 80%
300
550
ps
odc
Output Duty Cycle
48
52
%
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established
when the device is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet
specifications after thermal equilibrium has been reached under these conditons.
NOTE 1: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at V
DDO/2.
NOTE 3: These parameters are guaranteed by characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com