Electronic Components Datasheet Search
  English  ▼

X  

874005 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 874005
Description  PCI Express™ Jitter Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

874005 Datasheet(HTML) 1 Page - Renesas Technology Corp

  874005 Datasheet HTML 1Page - Renesas Technology Corp 874005 Datasheet HTML 2Page - Renesas Technology Corp 874005 Datasheet HTML 3Page - Renesas Technology Corp 874005 Datasheet HTML 4Page - Renesas Technology Corp 874005 Datasheet HTML 5Page - Renesas Technology Corp 874005 Datasheet HTML 6Page - Renesas Technology Corp 874005 Datasheet HTML 7Page - Renesas Technology Corp 874005 Datasheet HTML 8Page - Renesas Technology Corp 874005 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PCI Express™ Jitter Attenuator
874005
DATA SHEET
874005 REVISION B 7/20/15
1
©2015 Integrated Device Technology, Inc.
GENERAL DESCRIPTION
The 874005 is a high performance Differential-to-LVDS Jitter
Attenuator designed for use in PCI Express systems. In some
PCI Express systems, such as those found in desktop PCs, the
PCI Express clocks are generated from a low bandwidth, high
phase noise PLL frequency synthesizer. In these systems, a jitter
attenuator may be required to attenuate high frequency random
and deterministic jitter components from the PLL synthesizer
and from the system board. The 874005 has 3 PLL bandwidth
modes: 200kHz, 400kHz, and 800kHz. The 200kHz mode will
provide maximum jitter attenuation, but with higher PLL tracking
skew and spread spectrum modulation from the motherboard
synthesizer may be attenuated. The 400kHz provides an
intermediate bandwidth that can easily track triangular spread
profiles, while providing good jitter attenuation. The 800kHz
bandwidth provides the best tracking skew and will pass most
spread profiles, but the jitter attenuation will not be as good
as the lower bandwidth modes. Because some 2.5Gb serdes
have x20 multipliers while others have than x25 multipliers, the
874005 can be set for 1:1 mode or 5/4 multiplication mode (i.e.
100MHz input/125MHz output) using the F_SEL pins.
The 874005 uses IDT’s 3rd Generation FemtoClock®
PLL technology to achive the lowest possible phase noise.
The device is packaged in a 24 Lead TSSOP package, making
it ideal for use in space constrained applications such as PCI
Express add-in cards.
FEATURES
• Five differential LVDS output pairs
• One differential clock input
• CLK and nCLK supports the following input types:
LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Output frequency range: 98MHz - 160MHz
• Input frequency range: 98MHz - 128MHz
• VCO range: 490MHz - 640MHz
• Cycle-to-cycle jitter: 30ps (maximum)
• 3.3V operating supply
• 3 bandwidth modes allow the system designer to make
jitter attenuation/tracking skew design trade-offs
• 0°C to 70°C ambient operating temperature
• Available in lead-free RoHS compliant package
BLOCK DIAGRAM
BW_SEL
0 = PLL Bandwidth: ~200kHz
Float = PLL Bandwidth: ~400kHz (Default)
1 = PLL Bandwidth: ~800kHz
PLL BANDWIDTH
PIN ASSIGNMENT
874005
24-Lead TSSOP
4.40mm x 7.8mm x 0.92mm
package body
G Package
Top View
nQB2
nQA1
QA1
VDDO
QA0
nQA0
MR
BW_SEL
VDDA
F_SELA
VDD
OEA
1
2
3
4
5
6
7
8
9
10
11
12
QB2
VDDO
QB1
nQB1
QB0
nQB0
F_SELB
OEB
GND
GND
nCLK
CLK
24
23
22
21
20
19
18
17
16
15
14
13


Similar Part No. - 874005

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
874005-04 RENESAS-874005-04 Datasheet
369Kb / 15P
PCI Express™ Jitter Attenuator
January 26, 2016
logo
Integrated Device Techn...
874005AG-04LF IDT-874005AG-04LF Datasheet
281Kb / 13P
PCI EXPRESS??JITTER ATTENUATOR
874005AG-04LFT IDT-874005AG-04LFT Datasheet
281Kb / 13P
PCI EXPRESS??JITTER ATTENUATOR
More results

Similar Description - 874005

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 19, 2005
logo
Renesas Technology Corp
874001I-02 RENESAS-874001I-02 Datasheet
1Mb / 18P
PCI Express™ Jitter Attenuator
AUGUST 30, 2010
874002-02 RENESAS-874002-02 Datasheet
542Kb / 15P
PCI EXPRESS™/JITTER ATTENUATOR
NOVEMBER 12, 2008
874003DI-02 RENESAS-874003DI-02 Datasheet
634Kb / 17P
PCI Express™ Jitter Attenuator
7/17/15
874005-04 RENESAS-874005-04 Datasheet
369Kb / 15P
PCI Express™ Jitter Attenuator
January 26, 2016
ICS874001I-05 RENESAS-ICS874001I-05 Datasheet
1Mb / 19P
PCI Express™ Jitter Attenuator
JANUARY 14, 2011
ICS874003-04 RENESAS-ICS874003-04 Datasheet
411Kb / 17P
PCI EXPRESS™ Jitter Attenuator
JANUARY 28, 2014
ICS874003-05 RENESAS-ICS874003-05 Datasheet
868Kb / 19P
PCI Express™ Jitter Attenuator
MARCH 21, 2014
ICS874003-02 RENESAS-ICS874003-02 Datasheet
775Kb / 15P
PCI EXPRESS™ Jitter Attenuator
2010
ICS874003I-02 RENESAS-ICS874003I-02 Datasheet
351Kb / 16P
PCI EXPRESS™ JITTER ATTENUATOR
MAY 1, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com