Electronic Components Datasheet Search
  English  ▼

X  

874005 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 874005
Description  PCI Express™ Jitter Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

874005 Datasheet(HTML) 2 Page - Renesas Technology Corp

  874005 Datasheet HTML 1Page - Renesas Technology Corp 874005 Datasheet HTML 2Page - Renesas Technology Corp 874005 Datasheet HTML 3Page - Renesas Technology Corp 874005 Datasheet HTML 4Page - Renesas Technology Corp 874005 Datasheet HTML 5Page - Renesas Technology Corp 874005 Datasheet HTML 6Page - Renesas Technology Corp 874005 Datasheet HTML 7Page - Renesas Technology Corp 874005 Datasheet HTML 8Page - Renesas Technology Corp 874005 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PCI Express™ Jitter Attenuator
874005 DATA SHEET
2
REVISION B 7/20/15
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
TABLE 3A. OUTPUT ENABLE FUNCTION TABLE
TABLE 3B. PLL BANDWIDTH/PLL BYPASS CONTROL
Inputs
Outputs
OEA/OEB
QAx/nQAx
QBx/nQBx
0
HiZ
HiZ
1
Enabled
Enabled
Number
Name
Type
Description
1, 24
nQB2, QB2
Output
Differential output pair. LVDS interface levels.
2, 3
nQA1, QA1
Output
Differential output pair. LVDS interface levels.
4, 23
V
DDO
Power
Output supply pins.
5, 6
QA0, nQA0
Output
Differential output pair. LVDS interface levels.
7
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are
reset causing the true outputs (nQx) to go low and the inverted outputs
(Qx) to go high. When logic LOW, the internal dividers and the outputs
are enabled. LVCMOS/LVTTL interface levels.
8
BW_SEL
Input
Pullup/
Pulldown
PLL Bandwidth input. See Table 3B.
9V
DDA
Power
Analog supply pin.
10
F_SELA
Input
Pulldown
Frequency select pin for QAx,nQAx outputs.
LVCMOS/LVTTL interface levels.
11
V
DD
Power
Core supply pin.
12
OEA
Input
Pullup
Output enable pin for QA pins. When HIGH, the QAx/nQAx outputs are
active. When LOW, the QAx,nQAx outputs are in a high impedance state.
LVCMOS/LVTTL interface levels.
13
CLK
Input
Pulldown Non-inverting differential clock input.
14
nCLK
Input
Pullup
Inverting differential clock input.
15, 16
GND
Power
Power supply ground.
17
OEB
Input
Pullup
Output enable pin for QB pins. When HIGH, the QBx/nQBx outputs are
active. When LOW, the QBx,nQBx outputs are in a high impedance state.
LVCMOS/LVTTL interface levels.
18
F_SELB
Input
Pulldown
Frequency select pin for QBx,nQBx outputs.
LVCMOS/LVTTL interface levels.
19, 20
nQB0, QB0
Output
Differential output pair. LVDS interface levels.
21, 22
nQB1, QB1
Output
Differential output pair. LVDS interface levels.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLUP
Input Pullup Resistor
51
k
Ω
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
Inputs
PLL Band-
width
PLL_BW
0
~200kHz
1
~800kHz
Float
~400kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com