Electronic Components Datasheet Search
  English  ▼

X  

874005 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 874005
Description  PCI Express™ Jitter Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

874005 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 874005 Datasheet HTML 8Page - Renesas Technology Corp 874005 Datasheet HTML 9Page - Renesas Technology Corp 874005 Datasheet HTML 10Page - Renesas Technology Corp 874005 Datasheet HTML 11Page - Renesas Technology Corp 874005 Datasheet HTML 12Page - Renesas Technology Corp 874005 Datasheet HTML 13Page - Renesas Technology Corp 874005 Datasheet HTML 14Page - Renesas Technology Corp 874005 Datasheet HTML 15Page - Renesas Technology Corp 874005 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REVISION B 7/20/15
874005 DATA SHEET
13
PCI Express™ Jitter Attenuator
TABLE 9. ORDERING INFORMATION
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
874005AGLF
ICS874005AGLF
24 Lead “Lead-Free” TSSOP
tube
0°C to 70°C
874005AGLFT
ICS874005AGLF
24 Lead “Lead-Free” TSSOP
tape & reel
0°C to 70°C
NOTE: Parts that are ordered with an “LF” suffix to the part number are the Pb-Free configuration and are RoHS complaint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com