Electronic Components Datasheet Search
  English  ▼

X  

ST-ONEMPTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST-ONEMPTR
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMPTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST-ONEMPTR Datasheet HTML 13Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 14Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 15Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 16Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 17Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 18Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 19Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 20Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Tsw=2LpVi+Vor
PiVi+nVo
VinVo + CpℎVi2−n2Vo2
Lp
VinVo
+π LpCpℎ2
(3)
8.2.3
Clamp capacitor selection
The clamp capacitor value determines the resonance period between the capacitor and the transformer leakage
inductance during phase 5 of the switching cycle (see Section 8.5.1 ).
It is suggested to choose the clamp capacitor value so that the phase 5 lasts approximately 15% of the switching
cycle in high line, high output voltage conditions, so
Cclamp≈ 0.15Tsw2
π2Lk
(4)
8.2.4
Secondary side drain sensing
The SRVDS pin is used for sensing the synchronous rectifier drain voltage to control turn-on and turn-off of the
synchronous rectifier MOSFET and to sense the drain oscillations to operate in valley switching. The first function
is performed by comparing SRVDS voltage with a 1 V and a 0 V internal threshold, while the second function is
implemented by comparing the SRVDS voltage with SVCC.
A proper external clamp circuit is required to limit the voltage on the pin below its operative range while being
able to correctly sense the MOSFET drain voltage from 0 V up to SVCC. A signal mosfet with gate tied to VDRV
as shown the typical configuration schematic (see Figure 4) is the suggested solution. The resistors RZCD and
RZCDPU in the schematic can be added to offset the signal and anticipate the IZCD comparator triggering.
8.2.4.1
SRVDS comparators
The SRVDS pin has three comparators connected to it which are used to control the switching cycle.
The following figure shows the waveforms associated to the SRVDS comparators when the system is operating in
valley skipping mode. The SR drain voltage is drawn as a light blue line, the clamped voltage on the SRVDS pin is
shown in dark blue.
Figure 5. SRVDS sensing waveforms
Vlsg
Vhsg
Vsrg
Ipri
Isec
Vlsd
Vsrd
Vsrvds
VTHSR1V
VDYNZCD
1
2
3
4
VZCD: This comparator is used to count the switching node oscillations in valley skipping mode and to obtain
valley turn-on. The comparator has a dynamic threshold, detecting when the voltage on SRVDS drops more than
VDYNZCD below the last peak reached. Referring to Figure 5, the comparator is triggered in instant 3 and 4
ST-ONEMP
External component selection
DS13989 - Rev 2
page 17/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com