Electronic Components Datasheet Search
  English  ▼

X  

ST-ONEMPTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST-ONEMPTR
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMPTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST-ONEMPTR Datasheet HTML 16Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 17Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 18Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 19Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 20Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 21Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 22Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 23Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
8.5.1.1
Deadtime
Deadtime between LS on and HS on is set by connecting a resistor between DT pin and ground, according to the
following formula:
tDT_LS_HS=3.88ns+1.46nskΩ∙RDT
(6)
Deadtime between HS and LS is instead controlled by the controller parameter DT_HVG_LVG according to the
formula:
tDT_HS_LS=DT_HVG_LVG
FCK
(7)
Where FCK is the IC clock frequency of 132 MHz.
8.5.1.2
Synchronous rectification voltage
The synchronous rectifier turn-on voltage is clamped to a programmable value. The user can choose the driving
voltage which yields the best application performance.
The driver is powered from the VDRV pin.
8.5.2
Skip mode
In order to improve the efficiency at medium load, the controller enters in valley skipping mode when the peak
current falls below a programmable value.
While in skip mode the controller keeps the peak current approximately constant at the skipping mode entry point.
If the frequency falls below approximately 20 kHz, the controller starts dropping the peak current while keeping
the frequency limited between 20 kHz and a programmable value (typ. 50 kHz).
Figure 9. Transition between normal mode, skip mode and burst mode
Iload
fsw
Ipk
Normal mode
Valley skipping
20kHz
ipkMinSkip
Burst
8.5.3
Burst mode
While in skip mode, if the frequency drops below FCK/6500 (approximately 20 kHz) the system enters burst mode.
While in burst mode the controller generates bursts of pulses with a programmable peak current. The number of
pulses generated depends on the output voltage and can be programmed through the parameters.
The system exits burst mode and comes back to normal operation when the average time between bursts drops
below a programmable time.
8.5.3.1
Deep burst
When the regulated output voltage is 5 V, 9 V, 15 V or 20 V, all the IC functions are shut down between the bursts,
leaving only a dedicated comparator to wake up the system when a new burst is required. In this condition, the
consumption of the secondary side IC drops to Isleep. For any other regulation voltage, the burst is controlled by
the firmware and ADC readings, so the IC consumption between bursts is close to the normal mode operating
current.
ST-ONEMP
Switching modes
DS13989 - Rev 2
page 20/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com