Electronic Components Datasheet Search
  English  ▼

X  

ST-ONEMPTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST-ONEMPTR
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMPTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST-ONEMPTR Datasheet HTML 26Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 27Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 28Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 29Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 30Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 31Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 32Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 33Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
•
the internal temperature returns below WTP range. In that case, the default contract is established
automatically.
The WTP range is a range between the WTP point and the OTP point.
When the temperature enters the WTP range an Alarm message is sent, but no other action is performed. Only
in case of new capability request or new contract, the next capability message limits the current/power, depending
on the setup on the configuration area. When the proposed capability is accepted the new power contract is
established. When the temperature exits from the WTP range and enters into normal range the next contract
returns to the default status.
9.1.7
USB-PD VCONN management
The VCONN is automatically provided by the device only during cable identification and before any explicit
contract is started. After the first capability message, the VCONN is removed.
9.1.8
PDO selection for multiport operation
The ST-ONEMP provides a dedicated power sharing function for multiport chargers. Depending on the level of the
GPIO1 pin, the ST-ONEMP provides two different PDO/APDO sets. The typical use of this function is to reduce
the available power on the main USB-PD port of the charger when a load is connected to a secondary port.
The level which determines the main or secondary PDOs to be used and the two PDO sets are programmable
through the configuration parameters.
The GPIO1 input can be filtered with independent deglitch filters for power sharing request assertion and
deassertion. This function can be useful for example when the second load detection is based on a current
threshold, avoiding repetitive changes on the primary port PDOs.
9.1.9
SVCC voltage change on cable detach
In USB-PD applications with multiple output voltage selection, the converter usually operates at lower efficiency
and limited power capability when the output regulated voltage is closer to the minimum. When no cable is
connected to the USB-PD output and the load switch is disabled, providing a voltage higher than 5 V can increase
the efficiency of the DC/DC converter for the second port if a consistent load is connected to it.
The ST-ONEMP can be configured to provide 9 V instead of 5 V when the Type-C cable is detached and the load
switch is turned off.
ST-ONEMP
USB-PD protocol
DS13989 - Rev 2
page 30/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com