Electronic Components Datasheet Search
  English  ▼

X  

ST-ONEMPTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST-ONEMPTR
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMPTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST-ONEMPTR Datasheet HTML 18Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 19Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 20Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 21Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 22Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 23Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 24Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 25Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
At every switching cycle LON stays high for the blanking time TLEB. After the blanking time is expired, the LON is
turned off when the CS comparator is triggered.
8.6.2.1
Reference generator
During normal operation the reference for the peak current mode control is provided by the secondary side
through the galvanic isolation communication channel.
The primary side IC converts the duration of pulses received by the secondary side in a voltage reference for the
peak current comparator according to the equation:
vpk=GTVtpulse
(8)
The reference voltage is limited by a hardware clamp to VIPKCLAMP.
The pulses are generated by the secondary side SMEDs.
8.6.3
Voltage loop
The voltage loop is managed by a digital PI (Type2) controller.
The device parameters control the proportional and integral gain of the controller. If sampling effects are ignored,
the controller gain can be expressed as follows:
IpeakVerr= GTVRsense 8FckVfsrMaxPID_Pgain+ 1sTsampPID_Igain
(9)
Where Rsense is the primary side current sense resistor value, Fck is the clock frequency (132 MHz typ.), VfsrMax
is the ADC full scale range at the highest scale (24 V), GTV is the time-voltage converter gain and Tsamp is the
control loop sampling period (30 us).
Considering the primary side peak current to average output current relation, the equation can be written as:
IsecVerr= nVin
nVout+Vin GTVRsense 4
FckVfsrMax PID_Pgain+ 1sTsampPID_Igain
(10)
Where n is the turns ratio (primary to secondary) and Isec is the transformer secondary side average current.
8.6.3.1
Setting the voltage loop parameters
The loop cutoff frequency is dominated by the proportional part of the controller, and can be approximated as:
ft≈ 12π GTVRsense 8FckVfsrMaxPID_Pgain nVin
nVout+Vin 1Cout
(11)
The proportional gain can be set as:
PID_Pgain=ftπRsenseFckVfsrMax
4GTV nVoutVin+1nCout
(12)
It is advisable to keep the cutoff frequency at least below 1/5 of the loop sampling frequency, i.e. below 8 kHz. If
no need for fast transient response is required, a lower bandwidth helps in limiting the control noise.
The integral gain determines the loop zero frequency as:
PID_Igain=PID_Pgain∙2πfzTsamp
(13)
8.6.4
Current loop
The current loop is controlled by a dedicated PI controller which acts on the primary side peak current in a similar
way to the voltage loop. The control gain is:
IpeakIerr=RsenseSecGTV
Rsense 2FckVCSFSR 1sTsampPIDCC_Igain
(14)
Where RsenseSec is the secondary side current sense resistor value.
Considering the primary side peak current to average output current relation, the equation can be written as:
IsecIerr= nVin
nVout+VinRsenseSecGTV
Rsense 1FckVCSFSR 1sTsampPIDCC_Igain
(15)
Where n is the turns ratio (primary to secondary) and Isec is the transformer secondary side average current.
8.6.4.1
Setting the current loop parameters
If the load impedance is close to 0, the loop cutoff frequency can be calculated as:
ST-ONEMP
Control loop
DS13989 - Rev 2
page 22/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com