Electronic Components Datasheet Search
  English  ▼

X  

ST-ONEMPTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST-ONEMPTR
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMPTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST-ONEMPTR Datasheet HTML 28Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 29Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 30Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 31Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 32Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 33Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 34Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 35Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
11
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
11.1
SSOP36L package information
Figure 12. SSOP36L package outline
Table 11. SSOP36L package mechanical data
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
-
-
2.65
A1
0.10
-
0.30
b
0.25
-
0.35
c
0.20
-
0.33
D
15.20
-
15.60
E1
7.40
-
7.60
E
10.05
-
10.55
e
0.80 BSC
L
0.61
-
0.91
h
0.25
-
0.75
θ
0°
-
8°
ST-ONEMP
Package information
DS13989 - Rev 2
page 32/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com