Electronic Components Datasheet Search
  English  ▼

X  

ST-ONEMPTR Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST-ONEMPTR
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMPTR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST-ONEMPTR Datasheet HTML 23Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 24Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 25Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 26Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 27Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 28Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 29Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 30Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
8.11.1
Microcontroller core
The secondary side is controlled by a Cortex M0+ core clocked at FCK/2, with 8kB static RAM and 64kB
programmable flash code memory. The flash is loaded in production with a complete code managing both the
voltage conversion of an active clamp flyback and the protocol for USB-PD PPS.
A dedicated 8kB ROM area is reserved for the boot activity and trimming area.
8.11.1.1
Parameter memory
A section of the flash is dedicated to parameters which can be programmed by the user to tune the power
conversion, set up the application functionality, choose the protocol and the PDOs or APDOs to be used.
8.11.2
SMED
A set of dedicated event driven state machines can generate complex PWMs. The transitions between the states
can be controlled by either timings or external events, or a combination of the two.
The SMED configuration is fully managed by the IC firmware to implement the control modes described in
Section 8.5 .
ST-ONEMP
Secondary side controller
DS13989 - Rev 2
page 27/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com