Electronic Components Datasheet Search
  English  ▼

X  

PCF2131TF Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF2131TF
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131TF Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF2131TF Datasheet HTML 16Page - NXP Semiconductors PCF2131TF Datasheet HTML 17Page - NXP Semiconductors PCF2131TF Datasheet HTML 18Page - NXP Semiconductors PCF2131TF Datasheet HTML 19Page - NXP Semiconductors PCF2131TF Datasheet HTML 20Page - NXP Semiconductors PCF2131TF Datasheet HTML 21Page - NXP Semiconductors PCF2131TF Datasheet HTML 22Page - NXP Semiconductors PCF2131TF Datasheet HTML 23Page - NXP Semiconductors PCF2131TF Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
001aaj312
internal operating voltage (Voper(int))
cleared via interface
backup battery operation
BF
Vth(sw)bat
(= 2.5 V)
VDD (= 0 V)
VBAT
VDD
Voper(int)
Voper(int)
INT
Figure 5. Battery switch-over behavior in direct switching mode with bit BIE set logic 1
(enabled)
7.5.1.3 Battery switch-over disabled: only one power supply (VDD)
When the battery switch-over function is disabled:
• The power supply is applied on the VDD pin
• The VBAT pin must be connected to ground
• Voper(int) is at VDD potential
• The battery flag (BF) is always logic 0
7.5.1.4 Battery switch-over architecture
The architecture of the battery switch-over circuit is shown in Figure 6.
001aag061
Vth(sw)bat
VDD
Voper(int)
VDD
VBAT
LOGIC
comparators
logic
switches
Vth(sw)bat
VBAT
Figure 6. Battery switch-over circuit, simplified block diagram
Voper(int) is at VDD or VBAT potential.
Remark: It has to be assured that there are decoupling capacitors on the pins VDD, VBAT,
and BBS.
7.5.2 Battery low detection function
The PCF2131 has a battery low detection circuit which monitors the status of the battery
VBAT.
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
20 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com