Electronic Components Datasheet Search
  English  ▼

X  

PCF2131TF Datasheet(PDF) 68 Page - NXP Semiconductors

Part # PCF2131TF
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131TF Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button PCF2131TF Datasheet HTML 64Page - NXP Semiconductors PCF2131TF Datasheet HTML 65Page - NXP Semiconductors PCF2131TF Datasheet HTML 66Page - NXP Semiconductors PCF2131TF Datasheet HTML 67Page - NXP Semiconductors PCF2131TF Datasheet HTML 68Page - NXP Semiconductors PCF2131TF Datasheet HTML 69Page - NXP Semiconductors PCF2131TF Datasheet HTML 70Page - NXP Semiconductors PCF2131TF Datasheet HTML 71Page - NXP Semiconductors PCF2131TF Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
11 Application information
aaa-041891
VDD
VDD(in)
VDD
VBAT
BBS
VDD
INTA
BBS
SDI
SDO
SDA/CE
IFS
TS1
CLKOUT
CLKOUT
SCL
VSS
Rsup
Csup
100 nF
100 nF
1 to 100 nF
RPU
Interface
PCF2131
INTA
I2C
SPI
TS2
TS3
TS4
VDD
INTB
RPU
INTB
RPU: 10 kΩ is recommended.
RSUP and CSUP: An appropriate RC filter needs to be added to guarantee the chip will only see
<0.35 V/ms ramp down rate on supply, even if Vdd_in ramp rate is very high.
Figure 42. General application diagram
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
68 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com