Electronic Components Datasheet Search
  English  ▼

X  

PCF2131TF Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF2131TF
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131TF Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF2131TF Datasheet HTML 1Page - NXP Semiconductors PCF2131TF Datasheet HTML 2Page - NXP Semiconductors PCF2131TF Datasheet HTML 3Page - NXP Semiconductors PCF2131TF Datasheet HTML 4Page - NXP Semiconductors PCF2131TF Datasheet HTML 5Page - NXP Semiconductors PCF2131TF Datasheet HTML 6Page - NXP Semiconductors PCF2131TF Datasheet HTML 7Page - NXP Semiconductors PCF2131TF Datasheet HTML 8Page - NXP Semiconductors PCF2131TF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
PCF2131
Nano-power highly accurate RTC with integrated quartz
crystal
Rev. 1.1 — 15 October 2021
Product data sheet
1 General description
The PCF2131 is a CMOS Real Time Clock (RTC) and calendar with an integrated
Temperature Compensated Crystal (Xtal) Oscillator (TCXO) and a 32.768 kHz quartz
crystal optimized for very high accuracy and ultra low power consumption. The
PCF2131 has a selectable I2C-bus or SPI-bus, a backup battery switch-over circuit, a
programmable watchdog function, four timestamps function, and many other features.
For a selection of NXP Real-Time Clocks, see Section 15.1.
2 Features and benefits
• Operating temperature range from -40 °C to +85 °C
• Temperature Compensated Crystal Oscillator (TCXO) with trimmed integrated
capacitors
• Ultra low supply current: typical 64 nA at VDD = 3.3 V
• Temperature compensated RTC, typical accuracy ±3 ppm from -40 °C to +85 °C
• Integration of a 32.768 kHz quartz crystal and oscillator in the same package
• Provides year, month, day, weekday, hours, minutes, seconds and 1/100 seconds
• Provides leap year correction
• Timestamp function
– with interrupt capability
– detection of four different events on four input pins (for example, for tamper detection)
• 2-line bidirectional 400 kHz Fast-mode I2C-bus interface
• 4-line SPI-bus with separate data input and output (maximum speed 6.5 Mbit/s)
• Battery backup input pin and switch-over circuitry
• Battery backed output voltage
• Battery low detection function
• Power-On Reset (POR)
• Power-On Reset Override (PORO) function
• Software reset function
• Two interrupt outputs (open-drain)
• Programmable 1 second or 1 minute interrupt
• Programmable watchdog timer with interrupt
• Programmable alarm function with interrupt capability
• Programmable square output
• Clock operating voltage: 1.2 V to 5.5 V


Similar Part No. - PCF2131TF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2131TF NXP-PCF2131TF Datasheet
1,022Kb / 86P
Nano-power highly accurate RTC with integrated quartz crystal
Rev. 1.0-28 May 2021
PCF2131TF NXP-PCF2131TF Datasheet
856Kb / 85P
Nano-power highly accurate RTC with integrated quartz crystal
Rev. 2.0 - 5 October 2023
PCF2131TF NXP-PCF2131TF Datasheet
1Mb / 31P
PCF2131-ARD evaluation board
Rev. 1.0 - 15 September 2021
PCF2131TFY NXP-PCF2131TFY Datasheet
1,022Kb / 86P
Nano-power highly accurate RTC with integrated quartz crystal
Rev. 1.0-28 May 2021
PCF2131TFY NXP-PCF2131TFY Datasheet
856Kb / 85P
Nano-power highly accurate RTC with integrated quartz crystal
Rev. 2.0 - 5 October 2023
More results

Similar Description - PCF2131TF

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS32X35 MAXIM-DS32X35 Datasheet
279Kb / 21P
Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 0; 12/06
logo
NXP Semiconductors
PCF2129A NXP-PCF2129A Datasheet
490Kb / 68P
Integrated RTC, TCXO and quartz crystal
Rev. 01-13 January 2010
PCF2127A NXP-PCF2127A Datasheet
535Kb / 80P
Integrated RTC, TCXO and quartz crystal
Rev. 02-7 May 2010
logo
Maxim Integrated Produc...
DS32B35 MAXIM-DS32B35_10 Datasheet
410Kb / 22P
Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 3; 7/10
logo
NXP Semiconductors
PCF2129T NXP-PCF2129T Datasheet
999Kb / 73P
Accurate RTC with integrated quartz crystal for industrial
Rev. 3-12 February 2013
PCF2127 PHILIPS-PCF2127 Datasheet
1Mb / 100P
Accurate RTC with integrated quartz crystal for industrial applications
Rev. 8-19 December 2014
PCF2129 PHILIPS-PCF2129 Datasheet
957Kb / 86P
Accurate RTC with integrated quartz crystal for industrial applications
Rev. 7-19 December 2014
PCA2131 NXP-PCA2131 Datasheet
1Mb / 86P
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Rev. 1.0-26 July 2021
PCF2131 NXP-PCF2131 Datasheet
1,022Kb / 86P
Nano-power highly accurate RTC with integrated quartz crystal
Rev. 1.0-28 May 2021
PCA2131 NXP-PCA2131_V01 Datasheet
866Kb / 85P
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Rev. 2.0 - 5 October 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com